Electronic Components Datasheet Search |
|
AD73411BB-80 Datasheet(PDF) 6 Page - Analog Devices |
|
AD73411BB-80 Datasheet(HTML) 6 Page - Analog Devices |
6 / 36 page REV. 0 AD73411 –6– ABSOLUTE MAXIMUM RATINGS * (TA = +25 °C unless otherwise noted) AVDD, DVDD to GND . . . . . . . . . . . . . . . . –0.3 V to +4.6 V AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD + 0.3 V Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . . –20 °C to +85°C Storage Temperature Range . . . . . . . . . . . . –40 °C to +125°C Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150 °C PBGA, θ JA Thermal Impedance . . . . . . . . . . . . . . . . . 25 °C/W Reflow Soldering Maximum Temperature . . . . . . . . . . . . . . . . . . . . . . . 225 °C Time at Maximum Temperature . . . . . . . . . . . . . . . . . 15 sec Maximum Temperature Ramp Rate . . . . . . . . . . . . 1.3 °C/sec *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD73411 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ORDERING GUIDE Temperature Package Package Model Range Description Option AD73411BB-80 –20 °C to +85°C 119-Ball Plastic Ball Grid Array B-119 AD73411BB-40 –20 °C to +85°C 119-Ball Plastic Ball Grid Array B-119 PBGA BALL CONFIGURATION 6 1 23 4 57 IRQE/PF4 DMS VDD (INT) CLKIN A11/IAD10 A7/IAD6 A4/IAD3 IRQL0/PF5 PMS WR XTAL A12/IAD11 A8/IAD7 A5/IAD4 IRQL1/PF6 IOMS RD VDD (EXT) A13/IAD12 A9/IAD8 GND IRQ2/PF7 CMS BMS CLKOUT GND A10/IAD9 A6/IAD5 DT0 TFS0 RFS0 A3/IAD2 A2/IAD1 A1/IAD0 A0 DR0 SCLK0 DT1/F0 PWDACK BGH MODE A /PF0 MODE B/PF1 TFS1/ IRQ1 RFS1/ IRQ0 DR1/FI GND PWD VDD (EXT) MODE C /PF2 SCLK1 ERESET RESET PF3 FL0 FL1 FL2 EMS EE ECLK D23 D22 D21 D20 ELOUT ELIN EINT D19 D18 D17 D16 BG D3/ IACK D5/IAL D8 D9 D12 D15 EBG D2/IAD15 D4/ IS D7/ IWR VDD (EXT) D11 D14 BR D1/IAD14 VDD (INT) D6/ IRD GND D10 D13 EBR D0/IAD13 DVDD DGND ARESET SCLK2 AMCLK SDO SDOFS SDIFS SDI SE REFCAP REFOUT VINP NC VINN NC NC NC NC AGND AVDD NC NC VOUTP VOUTN NC A B C D E F G H J K L M N P R T U TOP VIEW NOTES: VDD (INT) – DSP CORE SUPPLY VDD (EXT) – DSP I/O DRIVER SUPPLY BOTH VDD (INT) AND VDD (EXT) SHOULD BE POWERED FROM THE SAME SUPPLY. |
Similar Part No. - AD73411BB-80 |
|
Similar Description - AD73411BB-80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |