Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADA4310 Datasheet(PDF) 1 Page - Analog Devices

Part No. ADA4310
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310 Datasheet(HTML) 1 Page - Analog Devices

  ADA4310 Datasheet HTML 1Page - Analog Devices ADA4310 Datasheet HTML 2Page - Analog Devices ADA4310 Datasheet HTML 3Page - Analog Devices ADA4310 Datasheet HTML 4Page - Analog Devices ADA4310 Datasheet HTML 5Page - Analog Devices ADA4310 Datasheet HTML 6Page - Analog Devices ADA4310 Datasheet HTML 7Page - Analog Devices ADA4310 Datasheet HTML 8Page - Analog Devices ADA4310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, Dual, High Current Output
Line Driver with Shutdown
ADA4310-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
−3 dB bandwidth: 190 MHz, G = +5
Slew rate: 820 V/μs, RLOAD = 50 Ω
Wide output swing
20.4 V p-p differential, RLOAD of 100 Ω from 12 V supply
High output current
Low distortion
−95 dBc typical at 1 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 50 Ω
−69 dBc typical at 10 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 50 Ω
Power management and shutdown
Control inputs CMOS level compatible
Shutdown quiescent current 0.65 mA/amplifier
Adjustable low quiescent current: 3.9 mA to 7.6 mA per amp
APPLICATIONS
Home networking line drivers
Twisted pair line drivers
Power line communications
Video line drivers
ARB line drivers
I/Q channel amplifiers
PIN CONFIGURATIONS
NC = NO CONNECT
+VS 1
NC 2
OUT A 3
–IN A 4
+IN A 5
OUT B
10
–IN B
9
+IN B
8
PD1
7
PD0
6
Figure 1. Thermally Enhanced, 10-Lead MINI_SO_EP
NC = NO CONNECT
1
NC
2
−IN A
3
+IN A
4
GND
11 −IN B
12 NC
10 +IN B
9PD1
Figure 2. Thermally Enhanced, 4 mm × 4 mm 16-Lead LFCSP_VQ
GENERAL DESCRIPTION
The ADA4310-1 is comprised of two high speed, current
feedback operational amplifiers. The high output current, high
bandwidth, and fast slew rate make it an excellent choice for
broadband applications requiring high linearity performance
while driving low impedance loads.
The ADA4310-1 incorporates a power management function
that provides shutdown capabilities and/or the ability to
optimize the amplifiers quiescent current. The CMOS-
compatible, power-down control pins (PD1 and PD0) enable
the ADA4310-1 to operate in four different modes: full power,
medium power, low power, and complete power down. In the
power-down mode, quiescent current drops to only
0.65 mA/amplifier, while the amplifier output goes to a high
impedance state.
The ADA4310-1 is available in a thermally enhanced, 10-lead
MSOP with an exposed paddle for improved thermal conduction
and in a thermally enhanced, 4 mm × 4 mm 16-lead LFCSP.
The ADA4310-1 is rated to work in the extended industrial
temperature range of −40°C to +85°C.
VMID1
ADA4310-1
ADA4310-1
1/2
1/2
1VMID =
VCC – VEE
2
Figure 3. Typical PLC Driver Application


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn