Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADA4310 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADA4310
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310 Datasheet(HTML) 3 Page - Analog Devices

  ADA4310 Datasheet HTML 1Page - Analog Devices ADA4310 Datasheet HTML 2Page - Analog Devices ADA4310 Datasheet HTML 3Page - Analog Devices ADA4310 Datasheet HTML 4Page - Analog Devices ADA4310 Datasheet HTML 5Page - Analog Devices ADA4310 Datasheet HTML 6Page - Analog Devices ADA4310 Datasheet HTML 7Page - Analog Devices ADA4310 Datasheet HTML 8Page - Analog Devices ADA4310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADA4310-1
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = 12 V, ±6 V (@ TA = 25°C, G = +5, RL = 100 Ω, unless otherwise noted).
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +5, VOUT = 0.1 V p-p, PD1 = 0, PD0 = 0
190
MHz
PD1 = 0, PD0 = 1
140
MHz
PD1 = 1, PD0 = 0
100
MHz
Slew Rate
G = +5, VOUT = 2 V p-p, RLOAD = 50 Ω, PD1 = 0, PD0 = 0
820
V/μs
PD1 = 0, PD0 = 1
790
V/μs
PD1 = 1, PD0 = 0
750
V/μs
NOISE/DISTORTION PERFORMANCE
Distortion (Worst Harmonic)
fC = 1 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−95
dBc
PD1 = 0, PD0 = 1
−88
dBc
PD1 = 1, PD0 = 0
−77
dBc
fC = 10 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−69
dBc
PD1 = 0, PD0 = 1
−57
dBc
PD1 = 1, PD0 = 0
−47
dBc
fC = 20 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−50
dBc
PD1 = 0, PD0 = 1
−42
dBc
PD1 = 1, PD0 = 0
−35
dBc
Input Voltage Noise
f = 100 kHz
2.85
nV/√Hz
Input Current Noise
f = 100 kHz
21.8
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
1
mV
Input Bias Current
Noninverting Input
−2
μA
Inverting Input
6
μA
Open-Loop Transimpedance
RLOAD = 50 Ω
14
RLOAD = 100 Ω
35
Common-Mode Rejection
−62
dB
INPUT CHARACTERISTICS
Input Resistance
f < 100 kHz
500
OUTPUT CHARACTERISTICS
Single-Ended +Swing
RLOAD = 50 Ω
+5.08
VP
Single-Ended −Swing
RLOAD = 50 Ω
−5.12
VP
Single-Ended +Swing
RLOAD = 100 Ω
+5.14
VP
Single-Ended −Swing
RLOAD = 100 Ω
−5.17
VP
Differential Swing
RLOAD = 100 Ω
20.4
V p-p
POWER SUPPLY
Operating Range (Dual Supply)
±2.5
±6
V
Operating Range (Single Supply)
+5
+12
V
Supply Current
PD1 = 0, PD0 = 0
7.6
mA/amp
PD1 = 0, PD0 = 1
5.6
mA/amp
PD1 = 1, PD0 = 0
3.9
mA/amp
PD1 = 1, PD0 = 1
0.65
mA/amp


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn