Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4850-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4850-2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4850-2 Datasheet HTML 3Page - Analog Devices ADA4850-2 Datasheet HTML 4Page - Analog Devices ADA4850-2 Datasheet HTML 5Page - Analog Devices ADA4850-2 Datasheet HTML 6Page - Analog Devices ADA4850-2 Datasheet HTML 7Page - Analog Devices ADA4850-2 Datasheet HTML 8Page - Analog Devices ADA4850-2 Datasheet HTML 9Page - Analog Devices ADA4850-2 Datasheet HTML 10Page - Analog Devices ADA4850-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 7 of 16
3
–5
1
1000
FREQUENCY (MHz)
2
1
0
–1
–2
–3
–4
10
100
VS = 3V
G = +1
RL = 1kΩ
VOUT = 0.1V p-p
+125
°C
–40
°C
+25
°C
+85
°C
Figure 11. Small Signal Frequency Response for Various Temperatures
3
–5
1
1000
FREQUENCY (MHz)
2
1
0
–1
–2
–3
–4
10
100
VS = 5V
G = +1
RL = 1kΩ
VOUT = 0.1V p-p
+125
°C
–40
°C
+25
°C
+85
°C
Figure 12. Small Signal Frequency Response for Various Temperatures
–20
0
20
40
60
80
100
120
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
VS = 5V
140
–240
–210
–180
–150
–120
–90
–60
–30
0
Figure 13. Open-Loop Gain and Phase vs. Frequency
0
100
200
150
50
300
250
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE STEP (V)
G = +2
VS = 5V
RL = 1kΩ
5.0
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
Figure 14. Slew Rate vs. Output Voltage
POWER-DOWN VOLTAGE (V)
0.1
10k
0
5.0
1
10
100
1k
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VS = 3V, 5V, ADA4850-2
VS = 3V, 5V, ADA4850-1 POWER DOWN
VS = 3V, 5V, ADA4850-1 ENABLE
Figure 15. Supply Current vs. Power-Down Voltage
FREQUENCY (Hz)
1M
100k
10M
100M
VOUT1 TO VOUT2
–100
–90
–80
–70
–60
–50
–40
VOUT2 TO VOUT1
G = +2
VS = 5V
RL = 150Ω
VOUT = 2V p-p
Figure 16. Crosstalk vs. Frequency


Similar Part No. - ADA4850-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-2 AD-ADA4850-2 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2 AD-ADA4850-2 Datasheet
365Kb / 14P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
ADA4850-2YCP-EBZ AD-ADA4850-2YCP-EBZ Datasheet
365Kb / 14P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2YCPZ-RL AD-ADA4850-2YCPZ-RL Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
More results

Similar Description - ADA4850-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_16 Datasheet
365Kb / 14P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
REV. B
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
   High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
   High-Output Drive Rail-to-Rail Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com