Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7104ID Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L7104ID
Description  T-1 (3mm)SOLID STATE LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L7104ID Datasheet(HTML) 1 Page - Kingbright Corporation

  L7104ID Datasheet HTML 1Page - Kingbright Corporation L7104ID Datasheet HTML 2Page - Kingbright Corporation L7104ID Datasheet HTML 3Page - Kingbright Corporation L7104ID Datasheet HTML 4Page - Kingbright Corporation L7104ID Datasheet HTML 5Page - Kingbright Corporation L7104ID Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: CDA0695
REV NO: V.1
DATE: NOV/12/2001
PAGE: 1 OF 6
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
Features
!
HIGH INTENSITY.
!
LOW POWER CONSUMPTION.
!
POPULAR T-1 DIAMETER PACKAGE.
!
GENERAL PURPOSE LEADS.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
!
AVAILABLE ON TAPE AND REEL.
L7104Ix HIGH EFFICIENCY RED
L7104Gx GREEN
L7104Ex ORANGE
L7104Yx YELLOW
L7104Nx PURE ORANGE
L7104PGx PURE GREEN
Description
The High Efficiency Red and Orange source color devices are
made with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Pure Orange source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Pure Orange Light
Emitting Diode.
The Pure Green source color devices are made with Gallium
Phosphide Pure Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
T-1 (3mm)SOLID STATE LAMPS


Similar Part No. - L7104ID

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L7104A KEYSIGHT-L7104A Datasheet
1Mb / 8P
   M9170A PXI Attenuator/Switch Driver Module
More results

Similar Description - L7104ID

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com