Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13053ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13053ESA
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13053ESA Datasheet HTML 1Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 2Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VCC2 = +3.3V,
RL = 60
Ω, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage for Standby
VIH_RS
0.75 x
VCC
V
Slope-Control Mode Voltage
VSLOPE
-200µA < IRS < 10µA
0.4 x
VCC
0.6 x
VCC
V
High-Speed Mode Current
IIL_RS
VRS = 0
-500
µA
ESD Protection
IEC 61000-4-2 Contact Discharge Method
per IBEE test facility (Note 3)
±8
kV
TIMING CHARACTERISTICS
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, RL = 60
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = +5V, VCC2 = +3.3V, and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Delay TXD to Bus Active
tONTXD
Figure 1 (Note 4)
66
110
ns
MAX13050/MAX13052/
MAX13053
61
95
Delay TXD to Bus Inactive
tOFFTXD
Figure 1
(Note 4)
MAX13054
70
110
ns
Delay Bus to Receiver Active
tONRXD
Figure 1 (Note 4)
54
115
ns
Delay Bus to Receiver Inactive
tOFFRXD
Figure 1 (Note 4)
46
160
ns
Delay TXD to RXD Active
(Dominant Loop Delay)
tONLOOP
Figure 1 (Note 4)
121
255
ns
Delay TXD to RXD Inactive
(Recessive Loop Delay)
TOFFLOOP
Figure 4 (Note 4)
108
255
ns
RRS = 24k
(500kbps)
280
450
ns
RRS = 100k
(125kbps)
0.82
1.6
Delay TXD to RXD Active
(Dominant Loop Delay) Slew-Rate
Controlled
tONLOOP-S MAX13052
RRS = 180k
(62.5kbps)
1.37
5
µs
RRS = 24k
(500kbps)
386
600
ns
RRS = 100k
(125kbps)
0.74
1.6
Delay TXD to RXD Inactive (Loop
Delay) Slew-Rate Controlled
tOFFLOOP-S MAX13052
RRS = 180k
(62.5kbps)
0.97
5
µs
RRS = 24k
(500kbps)
10
RRS = 100k
(125kbps)
2.7
Differential Output Slew Rate
|SR|
MAX13052
RRS = 180k
(62.5kbps)
1.6
V/µs


Similar Part No. - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13053ESA MAXIM-MAX13053ESA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13053ESA MAXIM-MAX13053ESA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX3054 MAXIM-MAX3054 Datasheet
503Kb / 18P
   짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Rev 0; 11/02
MAX3053 MAXIM-MAX3053 Datasheet
317Kb / 11P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com