Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ908D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUZ908D
Description  P-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BUZ908D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ908D Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ908D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
V
V
V
V
mA
mA
S
-220
-250
±14
-0.10
-1.5
-12
0.75
-10
-10
0.7
4
VGS = 10V
BUZ907D
ID = -10mA
BUZ908D
VDS = 0
IG = ±100µA
VDS = -10V
ID = -100mA
VGD = 0
ID = -16A
VGS = -10
ID = -16A
VDS = -220V
BUZ907D
VGS = 10V
VDS = -250V
BUZ908D
VDS = -10V
ID = -3A
BVDSX
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
VGS(OFF)
Gate – Source Cut–Off Voltage
VDS(SAT)* Drain – Source Saturation Voltage
RDS(on)*
Static – Source Resistance
IDSX
Drain – Source Cut–Off Current
yfs*
Forward Transfer Admittance
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Fax (01455) 552612.
Prelim. 01/97
BUZ907D
BUZ908D
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
* Pulse Test: Pulse Width = 300
µs , Duty Cycle ≤ 2%.
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
ton
Turn–on Time
toff
Turn-off Time
TBA
TBA
TBA
TBA
TBA
VDS = -10V
f = 1MHz
VDS = -20V
ID = -5A
pF
ns
STATIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
D
G
S
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)


Similar Part No. - BUZ908D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ908 ETC-BUZ908 Datasheet
25Kb / 2P
   POWER MOSFETS FOR AUDIO APPLICATIONS
BUZ908P ETC-BUZ908P Datasheet
24Kb / 2P
   POWER MOSFETS FOR AUDIO APPLICATIONS
More results

Similar Description - BUZ908D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com