Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9812DYB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # C9812DYB
Description  Low EMI Clock Generator for Intel 810E Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812DYB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button C9812DYB Datasheet HTML 3Page - Cypress Semiconductor C9812DYB Datasheet HTML 4Page - Cypress Semiconductor C9812DYB Datasheet HTML 5Page - Cypress Semiconductor C9812DYB Datasheet HTML 6Page - Cypress Semiconductor C9812DYB Datasheet HTML 7Page - Cypress Semiconductor C9812DYB Datasheet HTML 8Page - Cypress Semiconductor C9812DYB Datasheet HTML 9Page - Cypress Semiconductor C9812DYB Datasheet HTML 10Page - Cypress Semiconductor C9812DYB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 7 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
Serial Control Registers
NOTE: The Pin# column lists the affected pin number where applicable. The @Pup column gives the state at true
power up. Bytes are set to the values shown only on true power up.
Following the acknowledge of the Address Byte, two additional bytes must be sent:
1) “Command Code “ byte, and
2) “Byte Count” byte.
Although the data (bits) in these two bytes are considered “don’t care”; they must be sent and will be acknowledged.
After the Command Code and the Count bytes have been acknowledged, the below described sequence (Byte 0, Byte 1,
and Byte2) will be valid and acknowledged.
Byte 0: CPU Clock Register (1=Enable, 0=Disable, Default=07)
Bit
@Pup
Pin#
Description
7
0
-
Reserved
6
0
-
Reserved
5
0
-
Reserved
4
0
-
Reserved
3
0
-
Spread spectrum mode
21
26
DOT
11
25
USB
0
1
49
CPU2_ITP
Byte 2: PCI Clock Register (1=Enable, 0=Disable, Default=FE)
Bit
@Pup
Pin#
Description
71
20
PCI7
61
19
PCI6
51
18
PCI5
41
16
PCI4
31
15
PCI3
21
13
PCI2
11
12
PCI1
0
0
-
Reserved
Byte 1: SDRAM Clock Register (1=Enable, 0=Disable, Default=FF)
Bit
@Pup
Pin#
Description
7
1
36
SDRAM7
6
1
37
SDRAM6
5
1
39
SDRAM5
4
1
40
SDRAM4
3
1
42
SDRAM3
2
1
43
SDRAM2
1
1
45
SDRAM1
0
1
46
SDRAM0
Byte 3: Reserved Register (Default=00)
Byte 4: Reserved Register (Default=00)
Byte 5: SSCG Control Register (Default=00)
Bit
@Pup
Pin#
Description
7
0
-
Spread Mode (0=down, 1=center)
6
0
-
Ref. Table 4
5
0
-
Ref. Table 4
4
0
-
Reserved
3
0
-
Reserved
2
0
-
Reserved
1
0
-
Reserved
0
0
-
Reserved


Similar Part No. - C9812DYB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U222KWDAA7317 KEMET-C981U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C981U222KWDBA7317 KEMET-C981U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C9812DYB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com