Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-7102 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HPMX-7102
Description  Dual-Band, Tri-Mode Downconverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-7102 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HPMX-7102 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
HPMX-7102 Characterization Graphs for PCS CDMA, continued
Table 3. PCS CDMA, NF vs. LO Power and Vcs.
Vcs (V)
LO Power (dBm)
1.4
1.8
2.2
2.6
3.0
-9
8.8
9.4
10.1
10.7
11.4
-6
8.4
8.9
9.4
9.9
10.4
-3
8.1
8.5
9.1
9.4
9.8
0
7.9
8.3
8.7
9.1
9.5
3
7.9
8.3
8.6
9.0
9.4
6
7.9
8.3
8.6
9.0
9.4
Vcc (V)
Figure 8. IIP3 vs. Vcc.
6
4
2
0
2.7
3.3
3
3.6
-40
°C
+25
°C
+85
°C
-40
°C
+25
°C
+85
°C
2.7
3.3
3
Vcc (V)
Figure 9. Gain vs. Vcc.
3.6
15
13
11
9
7
5
+85
°C
+25
°C
-40
°C
2.7
3.3
3
Figure 10. NF vs. Vcc.
Vcc (V)
3.6
15
13
11
9
7
5
209
1750 1960 2830 3499 3709 5250
IF
LO
RF
2*LO LO+RF 3*LO
FREQUENCY (MHz)
Figure 11. Differential Spur Level at IF pins.[1]
20
10
0
-10
-20
-30
-40
-50
Vcc = 3.6V
Vcc = 3.3V
Vcc = 3V
Vcc = 2.7V
Vcs (V)
Figure 7A. Icc vs. Vcs.
18
16
14
12
10
8
6
13
2
Vcc=2.7V, T=25
°C
Vcc=2.7V, T=85
°C
Vcc=2.7V, T=-40
°C
Vcc=3.6V, T=25
°C
Vcc=3.6V, T=85
°C
Vcc=3.6V, T=-40
°C
Vcs (V)
Figure 7B. Icc vs. Vcs.
13
2
18
16
14
12
10
8
6
Note:
1. Measurement performed at IF pins (matching circuit and balun removed).


Similar Part No. - HPMX-7102

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
HPMX-2006-BLK HP-HPMX-2006-BLK Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
More results

Similar Description - HPMX-7102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
WJ Communication. Inc.
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com