Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMB1206A-122 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BMB1206A-122
Description  Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BMB1206A-122 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BMB1206A-122 Datasheet HTML 1Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMB1206A-122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6
6-15
Model BMB Series
0603 IMPEDANCE VS. FREQUENCY - STANDARD SPEED
1000
(
Ω)
BMB 0603A-600
100
10
1
40
20
10
4
2
Frequency (MHz)
400
200
100
1000
Z
R
XL
1000
(
Ω)
BMB 0603A-680
100
10
1
40
20
10
4
2
Frequency (MHz)
400
200
100
1000
Z
R
XL
1000
(
Ω)
BMB 0603A-601
100
10
1
40
20
10
4
2
Frequency (MHz)
400
200
100
1000
Z
R
XL
1000
(
Ω)
BMB 0603A-800
100
10
1
40
20
10
4
2
Frequency (MHz)
400
200
100
1000
Z
R
XL
1000
(
Ω)
BMB 0603A-751
100
10
1
40
20
10
4
2
Frequency (MHz)
400
200
100
1000
Z
R
XL
Impedance
DC
Rated
Part
Z
Ω ± 25%
Resistance
Current
Number
@ 100 MHz
Ω Max.
mA Max.
BMB 0603A-800
80
0.20
150
BMB 0603A-121
120
0.20
150
BMB 0603A-181
180
0.30
150
BMB 0603A-221
220
0.30
150
BMB 0603A-301
300
0.35
150
BMB 0603A-451
450
0.40
100
BMB 0603A-601
600
0.45
100
BMB 0603A-751
750
0.60
100
BMB 0603A-102
1000
0.60
100
0603 ELECTRICAL CHARACTERISTICS - STANDARD SPEED


Similar Part No. - BMB1206A-122

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BMB1206A-260 BITECH-BMB1206A-260 Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
More results

Similar Description - BMB1206A-122

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Bi technologies
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Ohmite Mfg. Co.
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
   Industry standard sizes
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
   Industry standard sizes
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com