Electronic Components Datasheet Search |
|
EETUQ2G271KJ Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
EETUQ2G271KJ Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 10 page EE167 Aluminum Electrolytic Capacitors/ UQ Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. 10000 35 25 5.0 0.30 EETUQ1H103LJ 200 12000 25 45 5.6 0.30 EETUQ1H123JJ 200 30 35 5.6 0.30 EETUQ1H123KJ 100 35 30 5.6 0.30 EETUQ1H123LJ 200 50 15000 30 40 6.4 0.30 EETUQ1H153KJ 100 35 35 6.4 0.30 EETUQ1H153LJ 100 18000 30 45 6.9 0.30 EETUQ1H183KJ 100 35 40 6.9 0.30 EETUQ1H183LJ 100 22000 35 45 7.6 0.30 EETUQ1H223LJ 100 27000 35 50 8.3 0.30 EETUQ1H273LJ 100 2200 22 25 2.5 0.30 EETUQ1J222HJ 200 2700 22 30 3.7 0.30 EETUQ1J272HJ 200 3300 22 30 4.1 0.30 EETUQ1J332HJ 200 25 25 4.1 0.30 EETUQ1J332JJ 200 3900 22 35 4.4 0.30 EETUQ1J392HJ 200 25 30 4.4 0.30 EETUQ1J392JJ 200 4700 22 40 4.9 0.30 EETUQ1J472HJ 200 25 35 4.9 0.30 EETUQ1J472JJ 200 30 25 4.9 0.30 EETUQ1J472KJ 200 5600 22 45 5.4 0.30 EETUQ1J562HJ 200 63 25 40 5.4 0.30 EETUQ1J562JJ 200 6800 25 45 5.8 0.30 EETUQ1J682JJ 200 30 30 5.8 0.30 EETUQ1J682KJ 200 35 25 6.0 0.30 EETUQ1J682LJ 200 8200 25 50 6.0 0.30 EETUQ1J822JJ 200 30 35 6.0 0.30 EETUQ1J822KJ 100 35 30 6.5 0.30 EETUQ1J822LJ 200 10000 30 40 6.5 0.30 EETUQ1J103KJ 100 35 35 6.5 0.30 EETUQ1J103LJ 100 12000 30 45 7.2 0.30 EETUQ1J123KJ 100 35 40 7.2 0.30 EETUQ1J123LJ 100 15000 35 45 7.9 0.30 EETUQ1J153LJ 100 18000 35 50 8.6 0.30 EETUQ1J183LJ 100 1500 22 25 2.3 0.25 EETUQ1K152HJ 200 1800 22 30 2.5 0.25 EETUQ1K182HJ 200 2200 22 35 2.7 0.25 EETUQ1K222HJ 200 25 25 2.7 0.25 EETUQ1K222JJ 200 80 2700 22 40 2.8 0.25 EETUQ1K272HJ 200 25 30 2.8 0.25 EETUQ1K272JJ 200 3300 22 45 3.2 0.25 EETUQ1K332HJ 200 25 35 3.2 0.25 EETUQ1K332JJ 200 30 25 3.2 0.25 EETUQ1K332KJ 200 n (mm) (V) (µF) (pcs) (mm) Min.PackagingQ'ty Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+85 °C) Standard Products (A) Endurance : 85 °C 2000 h, Terminal Pitch : 10mm When capacitors of f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) tan δ (120Hz) (+20 °C) Part No. 4.0mm Terminal Length (Without P.V.C.plate) PET sleeve |
Similar Part No. - EETUQ2G271KJ |
|
Similar Description - EETUQ2G271KJ |