Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR034 Datasheet(PDF) 2 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 2 Page - Texas Instruments

  GR034 Datasheet HTML 1Page - Texas Instruments GR034 Datasheet HTML 2Page - Texas Instruments GR034 Datasheet HTML 3Page - Texas Instruments GR034 Datasheet HTML 4Page - Texas Instruments GR034 Datasheet HTML 5Page - Texas Instruments GR034 Datasheet HTML 6Page - Texas Instruments GR034 Datasheet HTML 7Page - Texas Instruments GR034 Datasheet HTML 8Page - Texas Instruments GR034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
GTLP is the Texas Instruments derivative of the Gunning Transceiver Logic (GTL) JEDEC standard JESD 8-3.
The ac specification of the SN74GTLP2034 is given only at the preferred higher noise-margin GTLP, but the
user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or GTLP (VTT = 1.5 V
and VREF = 1 V) signal levels. For information on using GTLP devices in FB+/BTL applications, refer to TI
application reports, Texas Instruments GTLP Frequently Asked Questions, literature number SCEA019, and
GTLP in BTL Applications, literature number SCEA017.
Normally, the B port operates at GTLP signal levels. The A-port and control inputs operate at LVTTL logic levels,
but are 5-V tolerant and can be directly driven by TTL or 5-V CMOS devices. VREF is the B-port differential input
reference voltage.
This device is fully specified for live-insertion applications using Ioff, power-up 3-state, and BIAS VCC. The Ioff
circuitry disables the outputs, preventing damaging current backflow through the device when it is powered
down. The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power
down, which prevents driver conflict. The BIAS VCC circuitry precharges and preconditions the B-port
input/output connections, preventing disturbance of active data on the backplane during card insertion or
removal, and permits true live-insertion capability.
This GTLP device features TI-OPC circuitry, which actively limits overshoot caused by improperly terminated
backplanes, unevenly distributed cards, or empty slots during low-to-high signal transitions. This improves
signal integrity, which allows adequate noise margin to be maintained at higher frequencies.
High-drive GTLP backplane interface devices feature adjustable edge-rate control (ERC). Changing the ERC
input voltage between low and high adjusts the B-port output rise and fall times. This allows the designer to
optimize system data-transfer rate and signal integrity to the backplane load.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OEAB should be tied to VCC through a pullup resistor
and OEAB and OEBA should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking/current-sourcing capability of the driver.
terminal assignments
1234
5
6
A
IMODE1
NC
NC
NC
NC
IMODE0
B
AO1
AI1
GND
GND
BIAS VCC
B1
C
AO2
AI2
VCC
ERC
OEAB
B2
D
AO3
AI3
GND
GND
OEAB
B3
E
AO4
AI4
CLKAB/LEAB
B4
F
AO5
AI5
CLKBA/LEBA
B5
G
AO6
AI6
GND
GND
OEBA
B6
H
AO7
AI7
VCC
VCC
LOOPBACK
B7
J
AO8
AI8
GND
GND
VREF
B8
K
OMODE0
NC
NC
NC
NC
OMODE1
NC = No internal connection
GQL PACKAGE
(TOP VIEW)
A
B
C
D
E
F
G
H
J
K
1
2
3456


Similar Part No. - GR034

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
   M8 Female
logo
Murata Manufacturing Co...
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com