Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2G331KJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETUQ2G331KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2G331KJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETUQ2G331KJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2G331KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Aluminum Electrolytic Capacitors/ UQ
 EE168 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
3900
22
50
3.6
0.25
EETUQ1K392HJ
200
25
40
3.6
0.25
EETUQ1K392JJ
200
4700
25
45
4.1
0.25
EETUQ1K472JJ
200
30
30
4.1
0.25
EETUQ1K472KJ
200
5600
25
50
4.6
0.25
EETUQ1K562JJ
200
30
35
4.6
0.25
EETUQ1K562KJ
100
80
35
30
4.6
0.25
EETUQ1K562LJ
200
6800
30
45
5.2
0.25
EETUQ1K682KJ
100
35
35
5.2
0.25
EETUQ1K682LJ
100
8200
30
50
5.8
0.25
EETUQ1K822KJ
100
35
40
5.8
0.25
EETUQ1K822LJ
100
10000
35
45
6.4
0.25
EETUQ1K103LJ
100
12000
35
50
7.0
0.25
EETUQ1K123LJ
100
1000
22
25
2.0
0.25
EETUQ2A102HJ
200
1200
22
30
2.3
0.25
EETUQ2A122HJ
200
25
25
2.3
0.25
EETUQ2A122JJ
200
1500
22
30
2.6
0.25
EETUQ2A152HJ
200
1800
22
35
2.8
0.25
EETUQ2A182HJ
200
25
30
2.8
0.25
EETUQ2A182JJ
200
2200
22
45
3.1
0.25
EETUQ2A222HJ
200
25
35
3.1
0.25
EETUQ2A222JJ
200
30
25
3.1
0.25
EETUQ2A222KJ
200
2700
22
50
3.7
0.25
EETUQ2A272HJ
200
25
40
3.7
0.25
EETUQ2A272JJ
200
100
30
30
3.7
0.25
EETUQ2A272KJ
200
35
25
3.7
0.25
EETUQ2A272LJ
200
3300
25
45
4.1
0.25
EETUQ2A332JJ
200
30
35
4.1
0.25
EETUQ2A332KJ
100
3900
25
50
4.5
0.25
EETUQ2A392JJ
200
30
40
4.5
0.25
EETUQ2A392KJ
100
35
30
4.5
0.25
EETUQ2A392LJ
200
4700
30
45
5.1
0.25
EETUQ2A472KJ
100
35
35
5.1
0.25
EETUQ2A472LJ
100
5600
30
50
5.8
0.25
EETUQ2A562KJ
100
35
40
5.8
0.25
EETUQ2A562LJ
100
6800
35
45
6.6
0.25
EETUQ2A682LJ
100
8200
35
50
7.2
0.25
EETUQ2A822LJ
100
n
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
(A)
Endurance : 85
°C 2000 h, Terminal Pitch : 10mm
When capacitors of
f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
4.0mm
Terminal Length
PET sleeve
(Without P.V.C.plate)


Similar Part No. - EETUQ2G331KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2G331D PANASONIC-EETUQ2G331D Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2G331DA PANASONIC-EETUQ2G331DA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2G331DJ PANASONIC-EETUQ2G331DJ Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2G331E PANASONIC-EETUQ2G331E Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2G331EA PANASONIC-EETUQ2G331EA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2G331KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com