Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1082V-2 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF1082V-2
Description  FOR PCS MOBILE TELEPHONE, Tx
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF1082V-2 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF1082V-2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
– 25 –
– 24 –
MF1082V-2
– 25 –
MF1082V-2
FOR PCS MOBILE TELEPHONE, Tx
– 24 –
START
.300 000 MHz
STOP
6 000.000 000 MHz
DESCRIPTION
This SAW filter for the transmitting RF circuit
of PCS mobile communication equipment
operating at 1850 MHz ~ 1910 MHz.
FEATURES
1. SMD package insures small size, lightweight.
2. Adjustment free.
3. Low insertion loss and high stop band
attenuation.
4. Wide and sharp passband characteristics.
5. High stability and reliability.
6. Designed for reflow solderings.
APPLICATION
• Mobile cellular telephone
• Portable digital cellular telephone
• Wireless equipment
DIMENSIONS ARE IN MILLIMETERS
±0.2 UNLESS OTHERWISE SPECIFIED
MAXIMUM RATINGS
ELECTRICAL PERFORMANCE
PACKAGE OUTLINE DIMENSIONS
Insertion Loss vs. Frequency
S21 log MAG
1 dB / REF 0 dB
Input VSWR vs. Frequency
Parameter
Units
MF1082V-2
PASSBAND FREQUENCY
1850 – 1910
PASSBAND CHARACTERISTICS
Insertion Loss
Ripple
VSWR
STOPBAND ATTENUATION
0 – 1500 MHz
1500 – 1800 MHz
1930 – 1990 MHz
1990 – 2350 MHz
2350 – 3000 MHz
Min
Typ
Max
dB
dB
5.0
3.0
3.0
MHz
dB
dB
dB
dB
dB
22
32
7
34
28
3.9
2.0
2.1
27
36
17
38
34
Unit : mm
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1.2
0.75
1.5
0.75
3.0
IN
OUT
GND
GND
GND
GND
MF1082V-2 TYPICAL CHARACTERISTICS
Input Reflection Coefficient vs. Frequency
Output Reflection Coefficient vs. Frequency
Operating Temperature Range
–20 to 75
Storage Temperature Range
–30 to 85
Input Power
20
Rating
Value
°C
°C
mW
Unit
S11
SWR
500 m / REF 1
Attenuation vs. Frequency
Output VSWR vs. Frequency
Attenuation vs. Frequency
S11 1 U FS
MARKER 1 : 1850 MHz
MARKER 2 : 1910 MHz
CENTER
1 880.000 000 MHz
SPAN
200.000 000 MHz
CENTER
1 880.000 000 MHz
SPAN
200.000 000 MHz
S22 1 U FS
MARKER 1 : 1850 MHz
MARKER 2 : 1910 MHz
CENTER
1 880.000 000 MHz
SPAN
200.000 000 MHz
CENTER
1 880.000 000 MHz
SPAN
200.000 000 MHz
S21 log MAG
5 dB / REF 0 dB
S22
SWR
500 m / REF 1
CENTER
1 880.000 000 MHz
SPAN
600.000 000 MHz
CENTER
1 880.000 000 MHz
SPAN
200.000 000 MHz
S21 log MAG
5 dB / REF 0 dB
[dB] 0
–1
–2
–3
–4
–5
3.0
2.0
1.0
3.0
2.0
1.0
[dB] 0
–10
–20
–30
–40
[dB] 0
–10
–20
–30
–40


Similar Part No. - MF1082V-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
MF1084V-3 MITSUBISHI-MF1084V-3 Datasheet
65Kb / 1P
   FOR DCS MOBFOR TELEPHONE, Tx
More results

Similar Description - MF1082V-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1051V-5 MITSUBISHI-MF1051V-5 Datasheet
66Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Tx
MF1118V-2 MITSUBISHI-MF1118V-2 Datasheet
36Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Tx
MF1051S-1 MITSUBISHI-MF1051S-1 Datasheet
133Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Tx
MF1042S-1 MITSUBISHI-MF1042S-1 Datasheet
147Kb / 1P
   FOR GSM MOBILE TELEPHONE, Tx
MF1173V-1 MITSUBISHI-MF1173V-1 Datasheet
48Kb / 1P
   FOR GSM MOBILE TELEPHONE, Tx
MF1018S-3 MITSUBISHI-MF1018S-3 Datasheet
161Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Tx
MF1018S-2 MITSUBISHI-MF1018S-2 Datasheet
144Kb / 1P
   FOR DIGITAL MOBILE TELEPHONE, Tx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com