Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7S20-60QC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TA7S20-60QC
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S20-60QC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TA7S20-60QC Datasheet HTML 1Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 2Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 3Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 4Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 5Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 6Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S20-60QC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 198 page
background image
®
Triscend A7S Configurable
System-on-Chip Platform
August, 2002
(Version 1.10)
Product Description
© 2000-2002 by Triscend Corporation. All rights reserved.
TCH305-0001-002
Patents Pending.
! Industry’s first complete 32-bit Configurable
System-on-Chip (CSoC)
• High-performance, low-power consumption,
32-bit RISC processor (ARM7TDMI™)
• 8Kbyte mixed instruction/data cache
• 16Kbyte internal scratchpad RAM
• Next-generation embedded programmable
logic architecture (up to 25,600 ASIC gates)
• High-performance dedicated internal bus
(up to 455Mbytes per second at 60 MHz)
• External memory interface supporting
Flash, EEPROM, SRAM, and SDRAM
• Advanced real-time, in-system debugging
capability
• Stand-alone operation from a single
external memory (code + initialization)
• 2.5-volt core with 3.3- or 2.5-volt I/Os
• Four independent high-performance DMA
channels
! High-performance, 32-bit
ARM7TDMI RISC Processor
• Popular, industry-standard 32-
bit RISC processor
• Binary and source code
compatible with other ARM7/ARM7TDMI
variants
• Widespread C/C++ compiler, source-level
debugger, and RTOS support
• Superior code density using the Thumb®
instruction set
• 54 MIPS (Dhrystone 2.1) at 60 MHz
• Low latency, real-time interrupt response
• Fast hardware multiplier
• 32-bit register bank and ALU
• 32-bit addressing ― 4Gbyte linear address
• 32-bit barrel shifter
• EmbeddedICE™ on-chip debugger
Configurable
System Logic
(CSL)
matrix
PIO
PIO
PIO
PIO
PIO
CSI Bus
Arbiter
Power Control
Selector
Selector
Clock Synthesizer
Power-On Reset
To external memory
Configurable System
Interconnect (CSI) bus
Configurable System
Interconnect socket
Selector
Selector
Selector
Four-channel
DMA Controller
JTAG Interface
Hardware
Breakpoint Unit
Memory Interface
Unit
SDRAM Controller
Static/Flash Interface
Selector
PIO
PIO
PIO
Cache
* 8K Bytes
* 4-way Set Associative
* Protection Unit
CSI Bridge
16KBytes
ScratchPad
SRAM
or
Trace Buffer
ARM7TDMI
16-bit
Timer
32-bit
Watchdog Timer
16-input
Interrupt Controller
16-bit
Timer
UART
with FIFO
UART
with FIFO
Standard Peripherals
Figure 1. Block diagram of the Triscend A7S Configurable System-on-Chip (CSoC).
?


Similar Part No. - TA7S20-60QC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S20-60QC

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com