Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMK3300 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMK3300
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3300 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMK3300 Datasheet HTML 2Page - Vishay Siliconix TLMK3300 Datasheet HTML 3Page - Vishay Siliconix TLMK3300 Datasheet HTML 4Page - Vishay Siliconix TLMK3300 Datasheet HTML 5Page - Vishay Siliconix TLMK3300 Datasheet HTML 6Page - Vishay Siliconix TLMK3300 Datasheet HTML 7Page - Vishay Siliconix TLMK3300 Datasheet HTML 8Page - Vishay Siliconix TLMK3300 Datasheet HTML 9Page - Vishay Siliconix TLMK3300 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Figure 5. Change of Forward Voltage vs. Ambient Temperature
Figure 6. Relative Luminous Intensity vs. Amb. Temperature
Figure 7. Change of Dominant Wavelength vs. Ambient
Temperature
–200
–150
–100
–50
0
50
100
150
200
250
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17015
10 mA
30 mA
50 mA
Yellow
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17016
Yellow
–6
–4
–2
0
2
4
6
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17017
Yellow
Figure 8. Relative Luminous Intensity vs. Forward Current
Figure 9. Change of Dominant Wavelength vs. Forward Current
Figure 10. Relative Intensity vs. Wavelength
0.01
0.10
1.00
10.00
1.00
10.00
100.00
IF – Forward Current ( mA )
17018
Yellow
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17019
IF – Forward Current ( mA )
Yellow
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
560 570 580 590 600 610 620 630 640 650 660
16314
Soft orange
λ- Wavelength ( nm )


Similar Part No. - TLMK3300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK310 VISHAY-TLMK310 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLMK3100-GS08 VISHAY-TLMK3100-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102-GS08 VISHAY-TLMK3102-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
More results

Similar Description - TLMK3300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com