Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMK3303 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMK3303
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3303 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMK3303 Datasheet HTML 1Page - Vishay Siliconix TLMK3303 Datasheet HTML 2Page - Vishay Siliconix TLMK3303 Datasheet HTML 3Page - Vishay Siliconix TLMK3303 Datasheet HTML 4Page - Vishay Siliconix TLMK3303 Datasheet HTML 5Page - Vishay Siliconix TLMK3303 Datasheet HTML 6Page - Vishay Siliconix TLMK3303 Datasheet HTML 7Page - Vishay Siliconix TLMK3303 Datasheet HTML 8Page - Vishay Siliconix TLMK3303 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19225
Power SMD LED in PLCC-2 Package
Description
The TLM.33.. series is an advanced modification of
the Vishay TLM.31.. series. It is designed to incorpo-
rate larger chips, therefore, capable of withstanding a
50 mA drive current.
The package of the TLM.33.. is the PLCC-2 (equiva-
lent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
• Utilizing (AS) AlInGaP technology
• Available in 8 mm tape
• Luninous intensity, color and forward
voltage categorized per packing unit
• Luminous intensity ratio per packing unit
IVmax/IVmin ≤ 1.6
• Thermal resistance R = 400 K/W
• ESD class 2
• Suitable for all soldering methods
according to CECC
• Lead-free device
Applications
Traffic Signals and Signs
Interior and exterior lighting
Dashboard illumination
Indicator and backlighting purposes for audio, video,
LCD’s switches, symbols, illuminated advertising etc.
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity
ϕ)
Technology
TLMK3300
Red, IV > 200 mcd
60 °
AlInGaP on GaAs
TLMK3301
Red, IV = (250 to 800) mcd
60 °
AlInGaP on GaAs
TLMK3302
Red, IV = (400 to 800) mcd
60 °
AlInGaP on GaAs
TLMK3303
Red, IV = (400 to 1250) mcd
60 °
AlInGaP on GaAs
TLMS3300
Red, IV > 160 mcd
60 °
AlInGaP on GaAs
TLMS3301
Red, IV = (160 to 400) mcd
60 °
AlInGaP on GaAs
TLMS3302
Red, IV = (250 to 800) mcd
60 °
AlInGaP on GaAs
TLMO3300
Soft orange, IV > 200 mcd
60 °
AlInGaP on GaAs
TLMO3301
Soft orange, IV = (250 to 640) mcd
60 °
AlInGaP on GaAs
TLMO3302
Soft orange, IV = (320 to 800) mcd
60 °
AlInGaP on GaAs


Similar Part No. - TLMK3303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK310 VISHAY-TLMK310 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLMK3100-GS08 VISHAY-TLMK3100-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102-GS08 VISHAY-TLMK3102-GS08 Datasheet
107Kb / 6P
   Standard SMD LED PLCC-2
Rev. 1.7, 24-Sep-07
More results

Similar Description - TLMK3303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com