Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMY3301 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TLMY3301
Description  Power SMD LED in PLCC-2 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY3301 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TLMY3301 Datasheet HTML 3Page - Vishay Siliconix TLMY3301 Datasheet HTML 4Page - Vishay Siliconix TLMY3301 Datasheet HTML 5Page - Vishay Siliconix TLMY3301 Datasheet HTML 6Page - Vishay Siliconix TLMY3301 Datasheet HTML 7Page - Vishay Siliconix TLMY3301 Datasheet HTML 8Page - Vishay Siliconix TLMY3301 Datasheet HTML 9Page - Vishay Siliconix TLMY3301 Datasheet HTML 10Page - Vishay Siliconix TLMY3301 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Figure 17. Change of Forward Voltage vs. Ambient Temperature
Figure 18. Relative Luminous Intensity vs. Amb. Temperature
Figure 19. Change of Dominant Wavelength vs. Ambient
Temperature
–200
–150
–100
–50
0
50
100
150
200
250
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17034
10 mA
30 mA
50 mA
Red
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17035
Red
–6
–4
–2
0
2
4
6
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17036
Red
Figure 20. Relative Luminous Intensity vs. Forward Current
Figure 21. Change of Dominant Wavelength vs. Forward Current
Figure 22. Relative Intensity vs. Wavelength
0.01
0.10
1.00
10.00
1.00
10.00
100.00
IF – Forward Current ( mA )
17037
Red
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17038
IF – Forward Current ( mA )
Red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
17045
Red
λ - Wavelength ( nm )


Similar Part No. - TLMY3301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMY3100 VISHAY-TLMY3100 Datasheet
121Kb / 12P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMY3100 VISHAY-TLMY3100 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
TLMY3100 VISHAY-TLMY3100 Datasheet
133Kb / 11P
   Standard SMD LED PLCC-2
Rev. 1.8, 12-Sep-07
TLMY3100-GS08 VISHAY-TLMY3100-GS08 Datasheet
133Kb / 11P
   Standard SMD LED PLCC-2
Rev. 1.8, 12-Sep-07
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
More results

Similar Description - TLMY3301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com