Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2D152KJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETUQ2D152KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2D152KJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button EETUQ2D152KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ2D152KJ Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
 EE169 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
560
22
25
2.25
0.15
EETUQ2C561HJ
200
680
22
30
2.50
0.15
EETUQ2C681HJ
200
820
22
35
2.75
0.15
EETUQ2C821HJ
200
1000
22
40
3.00
0.15
EETUQ2C102HJ
200
25
30
3.00
0.15
EETUQ2C102JJ
200
1200
22
45
3.25
0.15
EETUQ2C122HJ
200
25
35
3.25
0.15
EETUQ2C122JJ
200
30
25
3.25
0.15
EETUQ2C122KJ
200
1500
22
50
3.73
0.15
EETUQ2C152HJ
200
25
40
3.73
0.15
EETUQ2C152JJ
200
30
30
3.73
0.15
EETUQ2C152KJ
200
35
25
3.73
0.15
EETUQ2C152LJ
200
1800
25
45
4.20
0.15
EETUQ2C182JJ
200
30
35
4.20
0.15
EETUQ2C182KJ
100
35
30
4.20
0.15
EETUQ2C182LJ
200
2200
30
40
4.78
0.15
EETUQ2C222KJ
100
35
35
4.78
0.15
EETUQ2C222LJ
100
2700
30
45
5.45
0.15
EETUQ2C272KJ
100
35
40
5.45
0.15
EETUQ2C272LJ
100
3300
35
45
5.75
0.15
EETUQ2C332LJ
100
3900
35
50
6.00
0.15
EETUQ2C392LJ
100
470
22
25
2.08
0.15
EETUQ2P471HJ
200
560
22
30
2.25
0.15
EETUQ2P561HJ
200
680
22
30
2.50
0.15
EETUQ2P681HJ
200
25
25
2.50
0.15
EETUQ2P681JJ
200
820
22
35
2.75
0.15
EETUQ2P821HJ
200
25
30
2.75
0.15
EETUQ2P821JJ
200
1000
22
45
3.00
0.15
EETUQ2P102HJ
200
25
35
3.00
0.15
EETUQ2P102JJ
200
30
25
3.00
0.15
EETUQ2P102KJ
200
1200
22
50
3.31
0.15
EETUQ2P122HJ
200
25
40
3.31
0.15
EETUQ2P122JJ
200
30
30
3.31
0.15
EETUQ2P122KJ
200
35
25
3.31
0.15
EETUQ2P122LJ
200
1500
25
45
3.83
0.15
EETUQ2P152JJ
200
30
35
3.83
0.15
EETUQ2P152KJ
100
35
30
3.83
0.15
EETUQ2P152LJ
200
1800
25
50
4.32
0.15
EETUQ2P182JJ
200
30
40
4.32
0.15
EETUQ2P182KJ
100
35
30
4.32
0.15
EETUQ2P182LJ
200
2200
30
45
4.92
0.15
EETUQ2P222KJ
100
35
40
4.92
0.15
EETUQ2P222LJ
100
160
180
n
tan
δ
(120Hz)
(+20
°C)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ2D152KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2A102B PANASONIC-EETUQ2A102B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A122C PANASONIC-EETUQ2A122C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A152B PANASONIC-EETUQ2A152B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A182B PANASONIC-EETUQ2A182B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A182C PANASONIC-EETUQ2A182C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2D152KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com