Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965D-1.8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TJ3965D-1.8
Description  1.5A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TJ3965D-1.8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  TJ3965D-1.8 Datasheet HTML 1Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 2Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 3Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 4Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 5Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 6Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 7Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 8Page - List of Unclassifed Manufacturers TJ3965D-1.8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Oct. 2006 – R1.2.1
9/9
HTC
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θ
JA = TRmax / PD
TJ3965 is available in SOT223, MSOP8, SOP8-PP, TO263, and TO220 packages.
The thermal
resistance depends on amount of copper area or heat sink, and on air flow.
If the maximum allowable
value of θJA calculated above is over 140°C/W for SO-223 package, over 220°C/W for MSOP8 package,
over 165°C/W for SOP8 package, over 170°C/W for SOP8-PP package, over 80 °C/W for TO263
package, over 75 °C/W for TO220 package, no heat sink is needed since the package can dissipate
enough heat to satisfy these requirements.
If the value for allowable θJA falls near or below these limits,
a heat sink or proper area of copper plane is required.
In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
No heat sink / No air flow / No adjacent heat source / TA = 25°C
Characteristic
Symbol
Max. Rating
Unit
Thermal Resistance Junction-To-Ambient / SOT223
θ
JA-SOT223
140
°C/W
Thermal Resistance Junction-To-Ambient / MSOP8
θ
JA-MSOP8
220
°C/W
Thermal Resistance Junction-To-Ambient / SOP8
θ
JA-SOP8
165
°C/W
Thermal Resistance Junction-To-Ambient / SOP8-PP
θ
JA-SOP8-PP
175
°C/W
Thermal Resistance Junction-To-Ambient / TO263
θ
JA-TO263
80
°C/W
Thermal Resistance Junction-To-Ambient / TO220
θ
JA-TO220
75
°C/W
T.B.D.


Similar Part No. - TJ3965D-1.8

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3965D-1.8V-8L HTC-TJ3965D-1.8V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965D-1.8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com