Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T953Z Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZX5T953Z
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX5T953Z Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZX5T953Z Datasheet HTML 1Page - Zetex Semiconductors ZX5T953Z Datasheet HTML 2Page - Zetex Semiconductors ZX5T953Z Datasheet HTML 3Page - Zetex Semiconductors ZX5T953Z Datasheet HTML 4Page - Zetex Semiconductors ZX5T953Z Datasheet HTML 5Page - Zetex Semiconductors ZX5T953Z Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZX5T953Z
ISSUE 1 - DECEMBER 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-140
V
Collector-emitter voltage
BVCEO
-100
V
Emitter-base voltage
BVEBO
-7
V
Continuous collector current
(a)
IC
-3.5
A
Peak pulse current
ICM
-10
A
Power dissipation at TA=25°C
(a)
Linear derating factor
PD
1.5
12
W
mW/°C
Power dissipation at TA=25°C
(b)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to ambient
(a)
R JA
83
°C/W
Junction to ambient
(b)
R JA
60
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
THERMAL RESISTANCE


Similar Part No. - ZX5T953Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T953G DIODES-ZX5T953G Datasheet
135Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
logo
Zetex Semiconductors
ZX5T953GTA ZETEX-ZX5T953GTA Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T953GTA DIODES-ZX5T953GTA Datasheet
135Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
logo
Zetex Semiconductors
ZX5T953GTC ZETEX-ZX5T953GTC Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T953Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com