Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6215B272NR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6215B272NR
Description  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215B272NR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6215B272NR Datasheet HTML 1Page - Torex Semiconductor XC6215B272NR Datasheet HTML 2Page - Torex Semiconductor XC6215B272NR Datasheet HTML 3Page - Torex Semiconductor XC6215B272NR Datasheet HTML 4Page - Torex Semiconductor XC6215B272NR Datasheet HTML 5Page - Torex Semiconductor XC6215B272NR Datasheet HTML 6Page - Torex Semiconductor XC6215B272NR Datasheet HTML 7Page - Torex Semiconductor XC6215B272NR Datasheet HTML 8Page - Torex Semiconductor XC6215B272NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/31
XC6215 Series
* For mounting intensity and heat dissipation,
please refer to recommended mounting pattern
and recommended metal mask when soldering
the pad of USP-4. Mounting should be
electrically isolated or connected to
the VSS (No.2) pin.
PIN NUMBER
USP-4
USP-3
SSOT-24
SOT-25
PIN NAME
FUNCTION
4
1
4
1
VIN
Power Supply
2
3
2
2
VSS
Ground
3
-
1
3
CE
ON / Off Switch
1
2
3
5
VOUT
Output
-
-
-
4
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: CE logic = High active with no pull-down resistor
Type of Regulator
P
: 3 pin regulator with no CE pin (USP-3 only)
②③
Output Voltage
09 ~ 50
: 0.9 V ~ 5.0V, 100mV step
e.g. VOUT=3.0V ②=3, ③=0
Output Voltage Accuracy
2
: + 2 % accuracy
e.g. VOUT=3.0V ②=3, ③=0, ④=2
G
: USP-4
N
: SSOT-24
M
: SOT-25
Package
H
: USP-3 (for the XC6215P series only)
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC6215①②③④⑤⑥
3 CE
4 VIN
VSS 2
VOUT 1
1
2
3
4
VSS
CE
VOUT
VIN
2
1
3
3
VSS
VSS
VOUT
VIN
USP-4
(BOTTOM VIEW)
SSOT-24
(TOP VIEW)
USP-3
(BOTTOM VIEW)
SOT-25
(TOP VIEW)


Similar Part No. - XC6215B272NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B272NR TOREX-XC6215B272NR Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B272NR TOREX-XC6215B272NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B272NR TOREX-XC6215B272NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215B272NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5012C ACE-ACE5012C Datasheet
259Kb / 3P
   0.8uA Low Power Consumption Regulator with Enable
VER 1.1
logo
Torex Semiconductor
XC6215B252NR TOREX-XC6215B252NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B282NR TOREX-XC6215B282NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com