Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3503SQX-16 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3503SQX-16
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503SQX-16 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3503SQX-16 Datasheet HTML 2Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 3Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 4Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 5Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 6Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 7Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 8Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 9Page - National Semiconductor (TI) LM3503SQX-16 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics (Notes 6, 7) Limits in standard typeface are for T
J = +25˚C. Limits in bold
typeface apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise specified,V
IN =
2.5V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
VOUT1(ON)
V
OUT1 Pin Bias
Current (Note 3)
V
OUT1 = 14V, En1 = En1 = 1.5V (16)
V
OUT1 = 23V, En1 = En2 = 1.5V (25)
V
OUT1 = 32V, En1 = En2 = 1.5V (35)
V
OUT1 = 42V, En1 = En2 = 1.5V (44)
40
50
50
85
80
100
100
140
µA
I
VOUT2
V
OUT2Pin Leakage
Current (Note 3)
Fb = En1 = En2 = 0V, V
OUT2 =VOUT1 = 42V
0.1
3
µA
UVP
Under-Voltage
Protection
On Threshold
Off Threshold
2.2
2.4
2.3
2.5
V
OVP
Over-Voltage
Protection (Note 5)
On Threshold (16)
Off Threshold (16)
On Threshold (25)
Off Threshold (25)
On Threshold (35)
Off Threshold (35)
On Threshold (44)
Off Threshold (44)
14.5
14.0
22.5
21.5
32.0
31.0
40.5
39.0
15.5
15
24
23
34
33
42
41
16.5
16.0
25.5
24.5
35.0
34.0
43.5
42.0
V
V
En1
PMOS FET Switch
and Device Enabling
Threshold (Figure 1:
P1)
Off Threshold
0.8
0.3
V
On Threshold
1.4
0.8
V
En2
NMOS FET Switch
and Device Enabling
Threshold (Figure 1:
N2)
Off Threshold
0.8
0.3
V
On Threshold
1.4
0.8
I
En1
En1 Pin Bias Current
(Note 3)
En1 = 2.5V
En1=0V
7
0.1
14
µA
I
En2
En2 Pin Bias Current
(Note 3)
En2 = 2.5V
En2=0V
7
0.1
14
µA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not apply when
operating the device outside of its rated operating conditions.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 3: Current flows into the pin.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and
the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD(MAX) =(TJ(MAX)–TA)/ θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature. For more information on this topic,
please refer to Application Note 1187(An1187): Leadless Leadframe Package (LLP) and Application Note 1112(AN1112) for microSMD chip scale package.
Note 5: The on threshold indicates that the LM3503 is no longer switching or regulating LED current, while the off threshold indicates normal operation.
Note 6: All voltages are with respect to the potential at the GND pin.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: NMOS Power On Resistance measured at ISW= 250mA for sixteen voltage version.
www.national.com
6


Similar Part No. - LM3503SQX-16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503SQX-16 NSC-LM3503SQX-16 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQX-16 TI1-LM3503SQX-16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQX-16NOPB TI1-LM3503SQX-16NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Similar Description - LM3503SQX-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com