Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP119-89 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AP119-89
Description  GaAs IC DCS 1800/1900 Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AP119-89 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AP119-89 Datasheet HTML 1Page - Skyworks Solutions Inc. AP119-89 Datasheet HTML 2Page - Skyworks Solutions Inc. AP119-89 Datasheet HTML 3Page - Skyworks Solutions Inc. AP119-89 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs IC DCS1800/1900 Power Amplifier
AP119-89
2
Skyworks Solutions, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@skyworksinc.com • www.skyworksinc.com
Specifications subject to change without notice. 3/99A
Quantity
Symbol
Condition
Min.
Typ.
Max.
Unit
Output Power
POUT
TOP = +25°C
32.5
33
dBm
VDS = 2.8 V,
29.5
30.5
TOP = (-40 to +85°C)
Power Added Efficiency
nPAE
45
50
%
Control Voltage Range
VGG
-3
-1
V
2nd Harmonic
H2
-40
-35
dBc
3rd Harmonic
H3
-40
-35
dBc
Input VSWR
VSWRIN
POUT (0–32 dBm), Controlled by VGG
3:1
2:1
Forward Isolation
POUT, STANDBY
PIN = 14 dBm, VGG = -3.0 V
-49
-40
dBm
Switching Time
tR, tF
Time from POUT = -10 dBm
1
2
µS
to POUT = 33 dBm
Burn Out
BO
VDS = 2.8 V to 6.0 V,
No Module Damage
PIN = 6 dBm to 16 dBm,
or Permanent Degradation
ZS = 50 Ω, Load
VSWR = 10:1, All Phase Angles
Stability
Stab.
All Combinations of the Following
No Parasitic Oscillations
Parameters: IDS = 0A to xA,
Above -36 dBm
x = Current at POUT = 33 dBm in 50 Ω
PIN = 10 dBm to 16 dBm,
VDD = 2.5 V to 4.5 V,
TOP = -40 to +85°C,
Load VSWR = 10:1, All Phase Angles
Slope
POUT/VGG
POUT = -15 dBm to 33 dBm
10
100
150
dB/V
Noise Power
100 KHz BW
-85
-79
dBm
1805–1880 MHz Band
Phase Change
The Change in Phase When
5
10
Deg.
POUT Changes from 31 dBm to 32 dBm
Electrical Specifications at 25°C
Characteristic Values:
PIN = 14 dBm
fc = 1710–1785 MHz
VDS = 3.5 V
TOP = +25°C
VGG = Switched at 217 Hz with Duty Cycle of 12.5%


Similar Part No. - AP119-89

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP119-89

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
   Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
Skyworks Solutions Inc.
SKY66391-12 SKYWORKS-SKY66391-12 Datasheet
768Kb / 15P
   1800 to 1900 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Hitachi Semiconductor
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
logo
SIRENZA MICRODEVICES
SXT-289 SIRENZA-SXT-289 Datasheet
304Kb / 9P
   1800-2500 MHz Medium Power GaAs HBT Amplifier
logo
Motorola, Inc
MRFIC1870 MOTOROLA-MRFIC1870 Datasheet
265Kb / 4P
   3.2 V DCS/PCS GaAs Integrated Power Amplifier
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
RF Micro Devices
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
   DCS1800/1900 POWER AMPLIFIER
logo
ANADIGICS, Inc
AWS5508 ANADIGICS-AWS5508 Datasheet
111Kb / 8P
   SP4T PHEMT Transmit/Receive Antenna Switch GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz
logo
RF Micro Devices
RF5111 RFMD-RF5111_15 Datasheet
918Kb / 14P
   DCS POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com