Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRNB25-400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CRNB25-400
Description  25Amp - 400/600/800/1200V - RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CRNB25-400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CRNB25-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers CRNB25-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.24
15.75
0.6
0.62
B
3.23
0.127
C
12.78
13.79
0.503
0.543
D
9.96
10.36
0.392
0.408
E
0.69
0.94
0.027
0.037
F
1.22
1.32
0.048
0.052
G
4.62
4.83
0.182
0.19
H
0.46
0.61
0.018
0.024
I
2.49
2.84
0.098
0.112
J
2.39
2.69
0.094
0.106
K
6.48
6.88
0.255
0.271
L
3.78
3.89
0.149
0.153
M
15.49
16
16.51
0.61
0.63
0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55
0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
E
B
A
K
N
L
J
H
CRNA/CRNB25
25Amp - 400/600/800/1200V - RECTIFIER
USA
Sales Support (877) 502-5500
Tech Support (877) 702-7700
Fax (619) 710-8540
Email: sales@crydom.com
Crydom Corp
2320 Paseo de las Americas, Suite 201
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 365070
Fax +44 (0) 1202 365090
Email: intsales@crydom.com
Crydom International Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Germany
Telephone +49 (0) 180 3000 506
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Crydom Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
ISO9001 Certified
© 2004 Crydom Corp, All Rights Reserved. Specifications are subject to change without prior notice. Crydom and the Crydom logo are trademarks of Crydom Corp. CrydomCRN25_F1704.pdf
SERIES
Isolation Type
A: Isolated
B: Non-Isolated
Rated Current
25: 25 Amp
Packaging
Blank: Bulk
PT: Plastic Tube
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
1200: 1200Vpk
CRN
25
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VF [VPK]
Fig. 1: On-state current versus
on-state voltage (instantaneous values)
16
14
12
10
8
6
4
2
0
20
16
12
8
4
0
70
60
50
40
30
20
10
0
0
70
80
90
100
110
120
130
TC [˚C]
Fig. 2: Average on-state current versus
case temperature
I
F [A]
Fig. 3: Power dissipation versus average on-state current
600
800
0
20
200
400
100
80
60
40
1000
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
0
24
6
810
12
14
16
Isolated
Non-Isolated
Non-Repetitive
Tj initial = 25
∞C
Part Number Designation
Approvals
UL - Pending


Similar Part No. - CRNB25-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRNB20-1200 ETC1-CRNB20-1200 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNB20-1200PT ETC1-CRNB20-1200PT Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNB20-400 ETC1-CRNB20-400 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNB20-400PT ETC1-CRNB20-400PT Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNB20-600 ETC1-CRNB20-600 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
More results

Similar Description - CRNB25-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
CRNA15 ETC1-CRNA15 Datasheet
107Kb / 2P
   15Amp - 400/600/800/1200V - RECTIFIER
logo
Micro Commercial Compon...
PF251 MCC-PF251_11 Datasheet
417Kb / 3P
   25Amp Rectifier 50 to 600 Volts
logo
List of Unclassifed Man...
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com