Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA3A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # DSA3A
Description  GENERAL-USE RECTIFIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

DSA3A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  DSA3A Datasheet HTML 1Page - Hitachi Semiconductor DSA3A Datasheet HTML 2Page - Hitachi Semiconductor DSA3A Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDE-DSA3A-0
GENERAL-USE RECTIFIER DIODE
DSA3A
FEATURES
OUTLINE DRAWING
• For general purpose.
• Diffused-junction. Resin encapsulated.
ABSOLUTE MAXIMUM RATINGS
Items
Type
DSA3A1
DSA3A2
DSA3A4
Repetitive Peak Reverse Voltage
V
RRM
V
100
200
400
Average Forward Current
I
F(AV)
A
3.0
(
Single-phase half sine wave 180
° conduction
TL = 90°C, Lead length = 10mm
)
Surge(Non-Repetitive) Forward Current
I
FSM
A
120( Without PIV, 10ms conduction, Tj = 150
°C start )
I2t Limit Value
I2tA2s
57.6( Time = 2 ~ 10ms, I = RMS value )
Operating Junction Temperature
T
j
°C
-40 ~ +150
Storage Temperature
T
stg
°C
-40 ~ +150
Notes
(1) Lead mounting : Lead temperature 280
°C max. to 3.2mm from body for 5sec. max..
(2) Mechanical strength : Bending 90
°×2 cycles or 180°×1 cycle, Tensile 3kg, Twist 90°×1 cycle.
CHARACTERISTICS(T
L=25°C)
Items
Symbols
Units
Min.
Typ.
Max.
Test Conditions
60
DSA3A1,2
Peak Reverse Current
I
RRM
µA
--
10
DSA3A 4
Rated V
RRM
Peak Forward Voltage
V
FM
V
--
1.0
I
FM=3.0Ap, Single-phase half sine
wave 1 cycle
R
th(j-a)
50
Steady State Thermal Impedance
R
th(j-l)
°C/W
--
20
Lead length = 10 mm
Unit in mm(inch)
Weight: 0.74 (g)
Direction of polarity
(0.05)
1.2
φ
DSA3A1
Yellow
DSA3A2
White
DSA3A4
Blue
Type
Color of
cathode band


Similar Part No. - DSA3A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA300I100NA IXYS-DSA300I100NA Datasheet
565Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA300I200NA IXYS-DSA300I200NA Datasheet
172Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
logo
Inchange Semiconductor ...
DSA300I200NA ISC-DSA300I200NA Datasheet
516Kb / 3P
   Schottky Diode
logo
IXYS Corporation
DSA300I45NA IXYS-DSA300I45NA Datasheet
171Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
logo
Inchange Semiconductor ...
DSA300I45NA ISC-DSA300I45NA Datasheet
332Kb / 3P
   Schottky Diode
More results

Similar Description - DSA3A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
DSM1D HITACHI-DSM1D Datasheet
60Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
   GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
   GENERAL USE RECTIFIER DIODE
ERC12 FUJI-ERC12 Datasheet
9Kb / 1P
   GENERAL USE RECTIFIER DIODE
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
   GENERAL USE RECTIFIER DIODE
logo
List of Unclassifed Man...
ERG51 ETC1-ERG51 Datasheet
174Kb / 3P
   GENERAL-USE RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com