Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD404669 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HCD404669
Description  Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCD404669 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HCD404669 Datasheet HTML 2Page - Hitachi Semiconductor HCD404669 Datasheet HTML 3Page - Hitachi Semiconductor HCD404669 Datasheet HTML 4Page - Hitachi Semiconductor HCD404669 Datasheet HTML 5Page - Hitachi Semiconductor HCD404669 Datasheet HTML 6Page - Hitachi Semiconductor HCD404669 Datasheet HTML 7Page - Hitachi Semiconductor HCD404669 Datasheet HTML 8Page - Hitachi Semiconductor HCD404669 Datasheet HTML 9Page - Hitachi Semiconductor HCD404669 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 142 page
background image
HD404669 Series
6
Bonding Pad Coordinates
HCD404669
TYPE
CODE
Chip Size (X
× Y): 4.34 × 4.01 (mm)
Coordinates: Pad Center
Home Point position: Chip Center
Pad size (X
× Y): 90 × 90 (µm)
Chip thickness: 400 (
µm)
Y
X
Chip center
(X=0, Y=0)
Pad Pad
Coordinates
Pad Pad
Coordinates
Pad Pad
Coordinates
Pad Pad
Coordinates
No. Name
X
Y
No. Name
X
Y
No.
Name
X
Y
No. Name
X
Y
1
RE0
–1983
1444
17
D11
–1607
–1819
33
R33
1983
–1444
49
R81
1587
1819
2
TESTN
–1983
1252
18
D12
–1394
–1819
34
R32
1983
–1252
50
R82
1374
1819
3
OSC1
–1983
1062
19
D13
–1181
–1819
35
R31
1983
–1060
51
R83
1161
1819
4
OSC2
–1983
871
20
R00
–968
–1819
36
R40
1983
–867
52
R90
948
1819
5
RESET
–1983
657
21
R01
–755
–1819
37
R41
1983
–675
53
R91
735
1819
6
X1
–1983
466
22
R02
–541
–1819
38
R42
1983
–483
54
R92
522
1819
7
X2
–1983
275
23
R03
–329
–1819
39
R43
1983
–291
55
R93
309
1819
8
GND
–1983
84
24
R10
–117
–1819
40
R60
1983
–99
56
RA0
93
1819
9
D0
–1983
–108
25
R11
96
–1819
41
R61
1983
93
57
RA1
–177
1819
10
D1
–1983
–299
26
R12
309
–1819
42
R62
1983
285
58
SEL
–329
1819
11
D2
–1983
–490
27
R13
522
–1819
43
R63
1983
478
59
V
CC
–542
1819
12
D3
–1983
–680
28
R20
735
–1819
44
R70
1983
670
60
TONEC
–755
1819
13
D4
–1983
–871
29
R21
948
–1819
45
R71
1983
862
61
TONER
–968
1819
14
D5
–1983
–1062
30
R22
1161
–1819
46
R72
1983
1054
62
VTREF
–1181
1819
15
D9
–1983
–1253
31
R23
1374
–1819
47
R73
1983
1246
63
RD0
–1394
1819
16
D10
–1983
–1444
32
R30
1587
–1819
48
R80
1983
1444
64
RD1
–1607
1819


Similar Part No. - HCD404669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HCD404344R HITACHI-HCD404344R Datasheet
610Kb / 100P
   4-bit microcomputers
logo
Renesas Technology Corp
HCD404344R RENESAS-HCD404344R Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
HCD404889 RENESAS-HCD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HCD404889 RENESAS-HCD404889 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
More results

Similar Description - HCD404669

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
Renesas Technology Corp
HD404629R RENESAS-HD404629R Datasheet
720Kb / 157P
   AS Microcomputer Incorporating a DTMF Generator Circuit
logo
Xilinx, Inc
XCR5064 XILINX-XCR5064 Datasheet
449Kb / 16P
   On-chip supervoltage generation
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Renesas Technology Corp
H83814 RENESAS-H83814 Datasheet
1Mb / 456P
   single-chip microcomputers
logo
Hitachi Semiconductor
HD6413258 HITACHI-HD6413258 Datasheet
11Mb / 246P
   Single-Chip Microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com