Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 3 Page - Motorola, Inc

Part # LM2576
Description  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576 Datasheet(HTML) 3 Page - Motorola, Inc

  LM2576 Datasheet HTML 1Page - Motorola, Inc LM2576 Datasheet HTML 2Page - Motorola, Inc LM2576 Datasheet HTML 3Page - Motorola, Inc LM2576 Datasheet HTML 4Page - Motorola, Inc LM2576 Datasheet HTML 5Page - Motorola, Inc LM2576 Datasheet HTML 6Page - Motorola, Inc LM2576 Datasheet HTML 7Page - Motorola, Inc LM2576 Datasheet HTML 8Page - Motorola, Inc LM2576 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2576
3
MOTOROLA ANALOG IC DEVICE DATA
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics.)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
–40 to +125
°C
Supply Voltage
Vin
40
V
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 15)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for
the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max values TJ is the operating
junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
LM2576–3.3 ([Note 1] Test Circuit Figure 15)
Output Voltage (Vin = 12 V, ILoad = 0.5 A, TJ = 25°C)
Vout
3.234
3.3
3.366
V
Output Voltage (6.0 V
≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A)
Vout
V
TJ = 25°C
3.168
3.3
3.432
TJ = –40 to +125°C
3.135
3.465
Efficiency (Vin = 12 V, ILoad = 3.0 A)
η
75
%
LM2576–5 ([Note 1] Test Circuit Figure 15)
Output Voltage (Vin = 12 V, ILoad = 0.5 A, TJ = 25°C)
Vout
4.9
5.0
5.1
V
Output Voltage (8.0 V
≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A)
Vout
V
TJ = 25°C
4.8
5.0
5.2
TJ = –40 to +125°C
4.75
5.25
Efficiency (Vin = 12 V, ILoad = 3.0 A)
η
77
%
LM2576–12 ([Note 1] Test Circuit Figure 15)
Output Voltage (Vin = 25 V, ILoad = 0.5 A, TJ = 25°C)
Vout
11.76
12
12.24
V
Output Voltage (15 V
≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A)
Vout
V
TJ = 25°C
11.52
12
12.48
TJ = –40 to +125°C
11.4
12.6
Efficiency (Vin = 15 V, ILoad = 3.0 A)
η
88
%
LM2576–15 ([Note 1] Test Circuit Figure 15)
Output Voltage (Vin = 30 V, ILoad = 0.5 A, TJ = 25°C)
Vout
14.7
15
15.3
V
Output Voltage (18 V
≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A)
Vout
V
TJ = 25°C
14.4
15
15.6
TJ = –40 to +125°C
14.25
15.75
Efficiency (Vin = 18 V, ILoad = 3.0 A)
η
88
%
LM2576 ADJUSTABLE VERSION ([Note 1] Test Circuit Figure 15)
Feedback Voltage (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V, TJ = 25°C)
Vout
1.217
1.23
1.243
V
Feedback Voltage (8.0 V
≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A, Vout = 5.0 V)
Vout
V
TJ = 25°C
1.193
1.23
1.267
TJ = –40 to +125°C
1.18
1.28
Efficiency (Vin = 12 V, ILoad = 3.0 A, Vout = 5.0 V)
η
77
%
NOTES: 1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM2576 is used as shown in the Figure 15 test circuit, system performance will be as shown in system parameters section
.
2. Tested junction temperature range for the LM2576:
Tlow = –40°C
Thigh = +125°C


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com