Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1J682KJ Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EETUQ1J682KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1J682KJ Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EETUQ1J682KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1J682KJ Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
 EE173 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
450
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
n
tan
δ
(120Hz)
(+20
°C)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
220
25
40
1.55
0.15
EETUQ2W221JJ
200
30
30
1.55
0.15
EETUQ2W221KJ
200
35
25
1.55
0.15
EETUQ2W221LJ
200
270
22
50
1.78
0.15
EETUQ2W271HJ
200
25
40
1.78
0.15
EETUQ2W271JJ
200
30
30
1.78
0.15
EETUQ2W271KJ
200
330
25
50
2.01
0.15
EETUQ2W331JJ
200
30
40
2.01
0.15
EETUQ2W331KJ
100
35
30
2.01
0.15
EETUQ2W331LJ
200
390
30
40
2.24
0.15
EETUQ2W391KJ
100
35
35
2.24
0.15
EETUQ2W391LJ
100
470
30
45
2.53
0.15
EETUQ2W471KJ
100
35
40
2.53
0.15
EETUQ2W471LJ
100
560
30
50
2.82
0.15
EETUQ2W561KJ
100
35
45
2.82
0.15
EETUQ2W561LJ
100
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - EETUQ1J682KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1J682KJ PANASONIC-EETUQ1J682KJ Datasheet
472Kb / 11P
   Snap-in Type
More results

Similar Description - EETUQ1J682KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com