Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5742 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SCF5742
Description  0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCF5742 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SCF5742 Datasheet HTML 1Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 2Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 3Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 4Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 5Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 6Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 7Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 8Page - Siemens Semiconductor Group SCF5742 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2–204
SCF5740/2/4
Top View
Pin Assignment
Dimensions in inches (mm)
Tolerance: .XXX
±.010 (.25)
Figure 5. Dot Matrix Format
Pin
Function
Pin
Function
1
N/C
22
N/C
2
GND
21
CLKSEL
3
N/C
20
CLK I/O
4
N/C
19
RST
5
N/C
18
N/C
6
N/C
17
N/C
7
N/C
16
N/C
8
N/C
15
SCLK
9VLL
14
DATA
10
VCC
13
LOAD
11
N/C
12
N/C
1
Pins
11
22
Pins
12
Digit 0 Digit 1
Digit 2
Digit 3
0.175
(4.45
0.043
(1.09)
typ.
0.009
(0.23)
typ.
0.045
(1.14) typ.
0.270
(6.86)
R1
C1 C2 C3 C4 C5
R0
R2
R3
R4
R5
R6
Pin Definitions
Pin
Function
Definitions
1
N/C
2
GND
Power supply ground
3
N/C
4
N/C
5
N/C
6
N/C
7
N/C
8
N/C
9VLL
LED supply
10
VCC
Logic supply
11
N/C
12
N/C
13
LOAD
Low input enables data clocking into 8-
bit serial shift register. When load goes
high, the contents of 8-bit serial shift
register will be decoded.
14
DATA
Serial data input
15
SDCLK
For loading data into the 8-bit serial
data register
16
N/C
17
N/C
18
N/C
19
RST
Asynchronous input, when low clears
the multiplex counter, address register,
control word register, user RAM and
data registe. Control word register is
set to 100% brightness. The display will
be blank.
20
CLK I/O
Outputs Master Clock or inputs Exter-
nal Clock
21
CLKSEL
High=Internal Clock (Master)
Low=External Clock (Slave)
22
N/C


Similar Part No. - SCF5742

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCF5000 SEMTECH-SCF5000 Datasheet
105Kb / 3P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249LAG120 FREESCALE-SCF5249LAG120 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249LPV120 FREESCALE-SCF5249LPV120 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249VF140 FREESCALE-SCF5249VF140 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
More results

Similar Description - SCF5742

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
   Serial Input Dot Addressable Intelligent Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLO4135 SIEMENS-DLO4135 Datasheet
167Kb / 4P
   43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
   Serial Input Dot Addressable Intelligent Display짰 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com