Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05DZ5U Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ05DZ5U
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05DZ5U Datasheet(HTML) 3 Page - Sharp Corporation

  PQ05DZ5U Datasheet HTML 1Page - Sharp Corporation PQ05DZ5U Datasheet HTML 2Page - Sharp Corporation PQ05DZ5U Datasheet HTML 3Page - Sharp Corporation PQ05DZ5U Datasheet HTML 4Page - Sharp Corporation PQ05DZ5U Datasheet HTML 5Page - Sharp Corporation PQ05DZ5U Datasheet HTML 6Page - Sharp Corporation PQ05DZ5U Datasheet HTML 7Page - Sharp Corporation PQ05DZ5U Datasheet HTML 8Page - Sharp Corporation PQ05DZ5U Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
Fig. 5 Overcurrent Protection Characteristics
(Typical Value) (PQ3DZ13)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=3V
Vi-O=1V
Vi-O=2V
Vi-O=0.5V
Vi-O=10V
Vi-O=5V
Fig. 6 Overcurrent Protection Characteristics
(Typical Value) (PQ05DZ51)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Vi-O=1V
Fig. 7 Overcurrent Protection Characteristics
(Typical Value) (PQ09DZ51)
Fig. 8 Overcurrent Protection Characteristics
(Typical Value) (PQ12DZ51)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=1V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=1V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Fig. 9 Overcurrent Protection Characteristics
(Typical Value)(PQ05DZ11)
Output current Io (A)
1.0
1.5
2.0
0.5
0
1.0
2.0
3.0
4.0
5.0
Vi-o=0.5V
Vi-o=1V
Vi-o=2V
Vi-o=3V
Vi-o=5V
Vi-o=10V
Fig.10 Overcurrent Protection Characteristics
(Typical Value)(PQ09DZ11)
Output current Io (A)
0
0.5
1.0
1.5
2.0
1.0
2.0
3.0
4.0
5.0
7.0
8.0
6.0
9.0
Vi-o=10V
Vi-o=5V
Vi-o=0.5V
Vi-o=1V
Vi-o=2V
Vi-o=3V


Similar Part No. - PQ05DZ5U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ05DZ5U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
65Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z Datasheet
89Kb / 9P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
PQ035ZN01ZPH SHARP-PQ035ZN01ZPH Datasheet
152Kb / 6P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
PQ035ZN1HZPH SHARP-PQ035ZN1HZPH Datasheet
270Kb / 4P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com