Electronic Components Datasheet Search |
|
TOP242Y Datasheet(PDF) 5 Page - Power Integrations, Inc. |
|
TOP242Y Datasheet(HTML) 5 Page - Power Integrations, Inc. |
5 / 52 page TOP242-250 5 G 1/02 TOPSwitch-GX Family Functional Description Like TOPSwitch, TOPSwitch-GX is an integrated switched mode power supply chip that converts a current at the control input to a duty cycle at the open drain output of a high voltage power MOSFET. During normal operation the duty cycle of the power MOSFET decreases linearly with increasing CONTROL pin current as shown in Figure 7. In addition to the three terminal TOPSwitch features, such as the high voltage start-up, the cycle-by-cycle current limiting, loop compensation circuitry, auto-restart, thermal shutdown, the TOPSwitch-GX incorporates many additional functions that reduce system cost, increase power supply performance and design flexibility. A patented high voltage CMOS technology allows both the high voltage power MOSFET and all the low voltage control circuitry to be cost effectively integrated onto a single monolithic chip. Three terminals, FREQUENCY, LINE-SENSE, and EXTER- NAL CURRENT LIMIT (available in Y, R or F package) or one terminal MULTI-FUNCTION (available in P or G Package) have been added to implement some of the new functions. These terminals can be connected to the SOURCE pin to operate the TOPSwitch-GX in a TOPSwitch-like three terminal mode. However, even in this three terminal mode, the TOPSwitch-GX offers many new transparent features that do not require any external components: 1. A fully integrated 10 ms soft-start limits peak currents and voltages during start-up and dramatically reduces or eliminates output overshoot in most applications. 2. DC MAX of 78% allows smaller input storage capacitor, lower input voltage requirement and/or higher power capability. 3. Frequency reduction at light loads lowers the switching losses and maintains good cross regulation in multiple output supplies. 4. Higher switching frequency of 132 kHz reduces the transformer size with no noticeable impact on EMI. 5. Frequency jittering reduces EMI. 6. Hysteretic over-temperature shutdown ensures automatic recovery from thermal fault. Large hysteresis prevents circuit board overheating. 7. Packages with omitted pins and lead forming provide large drain creepage distance. 8. Tighter absolute tolerances and smaller temperature vari- ations on switching frequency, current limit and PWM gain. The LINE-SENSE (L) pin is usually used for line sensing by connecting a resistor from this pin to the rectified DC high voltage bus to implement line overvoltage (OV), under-voltage (UV) and line feed forward with DC MAX reduction. In this mode, the value of the resistor determines the OV/UV thresholds and the DC MAX is reduced linearly starting from a line voltage above the under-voltage threshold. See Table 2 and Figure 11. The pin can also be used as a remote ON/OFF and a synchronization input. The EXTERNAL CURRENT LIMIT (X) pin is usually used to reduce the current limit externally to a value close to the operat- ing peak current, by connecting the pin to SOURCE through a resistor. This pin can also be used as a remote ON/OFF and a synchronization input in both modes. See Table 2 and Figure 11. For the P or G packages the LINE-SENSE and EXTERNAL CURRENT LIMIT pin functions are combined on one MULTI- FUNCTION (M) pin. However, some of the functions become mutually exclusive as shown in Table 3. The FREQUENCY (F) pin in the Y, R or F package sets the switching frequency to the default value of 132 kHz when connected to SOURCE pin. A half frequency option of 66 kHz can be chosen by connecting this pin to CONTROL pin instead. Leaving this pin open is not recommended. PI-2633-011502 I C (mA) TOP242-5 1.6 2.0 TOP246-9 2.2 2.6 TOP250 2.4 2.7 5.2 6.0 5.8 6.6 6.5 7.3 I CD1 I B Auto-restart I L = 125 µA I L < I L(DC) I L = 190 µA 78 10 38 I C (mA) 30 I CD1 I B Auto-restart 132 Note: For P and G packages I L is replaced with IM. I L < I L(DC) I L = 125 µA Slope = PWM Gain I L = 190 µA Figure 7. Relationship of Duty Cycle and Frequency to CONTROL Pin Current. |
Similar Part No. - TOP242Y |
|
Similar Description - TOP242Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |