Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5524 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB5524
Description  Evaluation Board and Software
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5524 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB5524 Datasheet HTML 6Page - Cirrus Logic CDB5524 Datasheet HTML 7Page - Cirrus Logic CDB5524 Datasheet HTML 8Page - Cirrus Logic CDB5524 Datasheet HTML 9Page - Cirrus Logic CDB5524 Datasheet HTML 10Page - Cirrus Logic CDB5524 Datasheet HTML 11Page - Cirrus Logic CDB5524 Datasheet HTML 12Page - Cirrus Logic CDB5524 Datasheet HTML 13Page - Cirrus Logic CDB5524 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CDB5521/22/23/24/28
10
DS317DB2
Register
Read Command (HEX)
Write Command (HEX)
Offset Register Physical Channel 1
09
01
Offset Register Physical Channel 2
19
11
Offset Register Physical Channel 3
29
21
Offset Register Physical Channel 4
39
31
Offset Register Physical Channel 5
49
41
Offset Register Physical Channel 6
59
51
Offset Register Physical Channel 7
69
61
Offset Register Physical Channel 8
79
71
Gain Register Physical Channel 1
0A
02
Gain Register Physical Channel 2
1A
12
Gain Register Physical Channel 3
2A
22
Gain Register Physical Channel 4
3A
32
Gain Register Physical Channel 5
4A
42
Gain Register Physical Channel 6
5A
52
Gain Register Physical Channel 7
6A
62
Gain Register Physical Channel 8
7A
72
Configuration Register
0B
03
Conversion Data FIFO
0C
---
Channel Setup Registers
0D
05
Table 2. Microcontroller Read/Write Commands via RS-232
Perform Conversion
Conversion Command (HEX)
Normal Conversion on Setup 1
80
Normal Conversion on Setup 2
88
Normal Conversion on Setup 3
90
Normal Conversion on Setup 4
98
Normal Conversion on Setup 5
A0
Normal Conversion on Setup 6
A8
Normal Conversion on Setup 7
B0
Normal Conversion on Setup 8
B8
Normal Conversion on Setup 9
C0
Normal Conversion on Setup 10
C8
Normal Conversion on Setup 11
D0
Normal Conversion on Setup 12
D8
Normal Conversion on Setup 13
E0
Normal Conversion on Setup 14
E8
Normal Conversion on Setup 15
F0
Normal Conversion on Setup 16
F8
Table 3. Microcontroller Conversion Commands via RS-232


Similar Part No. - CDB5524

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5511 CIRRUS-CDB5511 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5512 CIRRUS-CDB5512 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5513 CIRRUS-CDB5513 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results

Similar Description - CDB5524

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
   Evaluation Board and Software
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
   CDB5532U Evaluation Board and Software
logo
Texas Instruments
TMP102EVM TI-TMP102EVM Datasheet
1Mb / 26P
[Old version datasheet]   TMP102EVM Evaluation Board and Software Tutorial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com