Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48500 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS48500
Description  Cost-effective, High-performance 32-bit DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48500 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS48500 Datasheet HTML 7Page - Cirrus Logic CS48500 Datasheet HTML 8Page - Cirrus Logic CS48500 Datasheet HTML 9Page - Cirrus Logic CS48500 Datasheet HTML 10Page - Cirrus Logic CS48500 Datasheet HTML 11Page - Cirrus Logic CS48500 Datasheet HTML 12Page - Cirrus Logic CS48500 Datasheet HTML 13Page - Cirrus Logic CS48500 Datasheet HTML 14Page - Cirrus Logic CS48500 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CS48500 Data Sheet
32-bit Audio Decoder DSP Family
DS734A3
©Copyright 2006 Cirrus Logic, Inc.
11
CONFIDENTIAL
4.2.6 Hardware Watchdog Timer
The CS48500 has an integrated watchdog timer that acts as a “health” monitor for the DSP. The
watchdog timer must be reset by the DSP before the counter expires, or the entire chip is reset. This
peripheral ensures that the CS48500 will reset itself in the event of a temporary system failure. In stand-
alone mode (i.e. no host mcu), the DSP will reboot from external FLASH. In slave mode (i.e. host mcu
present) a GPIO will be used to signal the host that the watchdog has expired and the DSP should be
rebooted and re-configured.
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS48500 pins are multi-functional. For details on pin functionality please refer to the
CS48500 Hardware User’s Manual.
4.3.2 Termination Requirements
Open-drain pins on the CS48500 must be pulled high for proper operation. Please refer to the CS48500
Hardware User’s Manual to identify which pins are open-drain and what value of pull-up resistor is
required for proper operation.
Mode select pins on the CS48500 are used to select the boot mode upon the rising edge from reset. A
detailed explanation of termination requirements for each communication mode select pin can be found
in the CS48500 Hardware User’s Manual.
4.3.3 Pads
The CS48500 I/Os operate from the 3.3 V supply and are 5 V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it
may contain. A secret, customer-specific key is used to encrypt the program code that is to be stored
external to the device. Please contact your local Cirrus representative for details.


Similar Part No. - CS48500

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4852 CIRRUS-CS4852 Datasheet
369Kb / 23P
   Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
   Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
369Kb / 23P
   Cost-effective, High-performance 32-bit DSP
More results

Similar Description - CS48500

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
   Cost-effective, High-performance 32-bit DSP
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com