Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21T06S Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS21T06S
Description  SCSI Terminator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21T06S Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS21T06S Datasheet HTML 1Page - Dallas Semiconductor DS21T06S Datasheet HTML 2Page - Dallas Semiconductor DS21T06S Datasheet HTML 3Page - Dallas Semiconductor DS21T06S Datasheet HTML 4Page - Dallas Semiconductor DS21T06S Datasheet HTML 5Page - Dallas Semiconductor DS21T06S Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS21T06
2 of 6
FUNCTION DESCRIPTION
The DS21T06 is designed to be a single chip termination subsystem for use in Narrow SCSI systems. The
DS21T06 consists of a bandgap reference, buffer amplifier, and 18 termination resistors (Figure 1). The
voltage regulator circuitry (bandgap reference and class AB power amplifier) produces a precise laser
trimmed 2.85 volt level and is capable of sourcing 25 mA into each of the terminating resistors when the
signal line is low (active). When the external driver for a given signal line turns off, the active terminator
will pull that signal line to 2.85 volts (quiescent state). When used with an active negation driver, the
power amp can sink 22 mA per line while keeping the voltage reference in regulation; the terminating
resistors maintain their 110 ohms value over the entire voltage range. When all lines settle in the
quiescent state, the regulator will consume about 10 mA.
When the DS21T06 is put into power-down mode by bringing PD low, the power-down circuitry will
turn off the transistors on each signal line. This will isolate the DS21T06 from the signal lines and
effectively remove it from the circuit. The power-down pin ( PD ) has an internal 50K
Ω=pullup resistor. To
place the DS21T06 into an active state, the PD pin should be tied higher left open circuited.
To ensure proper operation, the TPWR pin should be connected to the SCSI bus TERMPWR line. As
with all analog circuitry, the TERMPWR lines should be bypassed locally. A 2.2
µF capacitor and a 0.01
µF high frequency capacitor is recommended between TPWR and ground and placed as close as possible
to the DS21T06. The DS21T06 should be placed as close as possible to the connector to minimize signal
and power trace length, thereby resulting in less input capacitance and reflections which can degrade the
bus signals.
To maintain the specified regulation, a 4.7
µF capacitor is required between the VREF pin and ground of
each DS21T06. A high frequency cap (0.1
µF ceramic recommended) can also be placed on the VREF
pin in applications that use fast rise/fall time drivers. Figure 2 details a typical SCSI bus configuration. In
an 8-bit data SCSI bus (Narrow SCSI), one DS21T06 is needed for proper termination of the 18 active
signal lines. One DS21T06 and one DS21T07 can be used to terminate the 27 active signal lines in a 16-
bit data SCSI bus (Wide SCSI).
DS21T06 BLOCK DIAGRAM Figure 1


Similar Part No. - DS21T06S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
More results

Similar Description - DS21T06S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
   SCSI Terminator
070198
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
   SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS2105 DALLAS-DS2105 Datasheet
99Kb / 7P
   SCSI Terminator
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21S07A MAXIM-DS21S07A Datasheet
449Kb / 8P
   SCSI Terminator
022106
logo
Dallas Semiconductor
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS2106 MAXIM-DS2106 Datasheet
74Kb / 6P
   SCSI Terminator
022698
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com