Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3028BM Datasheet(PDF) 10 Page - Harris Corporation

Part # CA3028BM
Description  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028BM Datasheet(HTML) 10 Page - Harris Corporation

Back Button CA3028BM Datasheet HTML 4Page - Harris Corporation CA3028BM Datasheet HTML 5Page - Harris Corporation CA3028BM Datasheet HTML 6Page - Harris Corporation CA3028BM Datasheet HTML 7Page - Harris Corporation CA3028BM Datasheet HTML 8Page - Harris Corporation CA3028BM Datasheet HTML 9Page - Harris Corporation CA3028BM Datasheet HTML 10Page - Harris Corporation CA3028BM Datasheet HTML 11Page - Harris Corporation CA3028BM Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7-15
FIGURE 26. 100MHz NOISE FIGURE AND POWER GAIN vs
BASE-TO-EMITTER BIAS VOLTAGE (TERMINAL 7)
FOR CA3028A AND CA3028B
FIGURE 27. INPUT ADMITTANCE (Y11) vs FREQUENCY
(CASCODE CONFIGURATION)
FIGURE 28. INPUT ADMITTANCE (Y11) vs FREQUENCY
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FIGURE 29. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (CASCODE CONFIGURATION)
FIGURE 30. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (DIFFERENTIAL AMPLIFIER
CONFIGURATION)
FIGURE 31. FORWARD TRANSADMITTANCE (Y21) vs
FREQUENCY (CASCODE CONFIGURATION)
Typical Performance Curves (Continued)
POSITIVE DC BIAS VOLTAGE (V)
92
0
POWER GAIN
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V, f = 100MHz
5
10
15
20
3
4
5
6
7
8
NOISE FIGURE
FREQUENCY (MHz)
1
100
0
b11
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
1
2
3
4
10
g11
5
6
7
FREQUENCY (MHz)
1
100
10
b11
g11
0
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
1
2
3
IC OF EACH TRANSISTOR = 2.2mA
FREQUENCY (MHz)
1
100
-20
b12
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
-10
-5
0
5
10
g12
10
15
20
-15
b12
g12
FREQUENCY (MHz)
100
10
0
-0.1
-0.2
-0.3
0.1
0.2
0.3
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
IC OF EACH TRANSISTOR = 2.2mA
20
30
40 50 60
80
200
300
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
b21
g21
FREQUENCY (MHz)
1
100
10
-80
-40
-20
0
20
40
60
80
-60
100
23
4
5 6 7 8 9
CA3028A, CA3028B, CA3053


Similar Part No. - CA3028BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028 INTERSIL-CA3028 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Similar Description - CA3028BM

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com