Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9927LA Datasheet(PDF) 11 Page - ELM Electronics

Part # ELM9927LA
Description  LOW SATURATION VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9927LA Datasheet(HTML) 11 Page - ELM Electronics

Back Button ELM9927LA Datasheet HTML 7Page - ELM Electronics ELM9927LA Datasheet HTML 8Page - ELM Electronics ELM9927LA Datasheet HTML 9Page - ELM Electronics ELM9927LA Datasheet HTML 10Page - ELM Electronics ELM9927LA Datasheet HTML 11Page - ELM Electronics ELM9927LA Datasheet HTML 12Page - ELM Electronics ELM9927LA Datasheet HTML 13Page - ELM Electronics ELM9927LA Datasheet HTML 14Page - ELM Electronics ELM9927LA Datasheet HTML 15Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
230
TYPICAL PERFORMANCE CHARACTERISTICS
LOW SATURATION VOLTAGE REGULATOR ELM99xxxA
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
Vin(V)
ELM99XX2A VCEH - Vin
Top=-30℃
+25℃
+80℃
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
Vin(V)
ELM99XX2A VCEL - Vin
Top=-30℃
+25℃
+80℃
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
Vin(V)
ELM99XX3A VCEH - Vin
Top=-30℃
+25℃
+80℃
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
Vin(V)
ELM99XX3A VCEL - Vin
Top=-30℃
+25℃
+80℃


Similar Part No. - ELM9927LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271271BW-N ELM-TECH-ELM99271271BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271272BW-N ELM-TECH-ELM99271272BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271272BW-S ELM-TECH-ELM99271272BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271273BW-N ELM-TECH-ELM99271273BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
More results

Similar Description - ELM9927LA

ManufacturerPart #DatasheetDescription
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com