Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37544 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M37544
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M37544 Datasheet HTML 4Page - Renesas Technology Corp M37544 Datasheet HTML 5Page - Renesas Technology Corp M37544 Datasheet HTML 6Page - Renesas Technology Corp M37544 Datasheet HTML 7Page - Renesas Technology Corp M37544 Datasheet HTML 8Page - Renesas Technology Corp M37544 Datasheet HTML 9Page - Renesas Technology Corp M37544 Datasheet HTML 10Page - Renesas Technology Corp M37544 Datasheet HTML 11Page - Renesas Technology Corp M37544 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 8 of 66
REJ03B0012-0104Z
GROUP EXPANSION
We are planning to expand the 7544 group as follow:
Memory type
Support for Mask ROM version, One Time PROM version, and
Emulator MCU .
Memory size
ROM/PROM size .............................................................. 8 K bytes
RAM size ......................................................................... 256 bytes
Package
32P4B .................................................. 32-pin plastic molded SDIP
32P6U-A ...................... 0.8 mm-pitch 32-pin plastic molded LQFP
36PJW-A ...................... 0.5 mm-pitch 36-pin plastic molded SSOP
42S1M .................................... 42-pin shrink ceramic PIGGY BACK
Fig. 8 Memory expansion plan
ROM size
(bytes)
RAM size
(bytes)
256
8K
0
M37544G2
M37544M2
Currently supported products are listed below.
Table 2 List of supported products
Part number
(P) ROM size (bytes)
ROM size for User ()
8192
(8062)
RAM size
(bytes)
256
256
Package
32P4B
32P6U-A
36PJW-A
32P4B
32P6U-A
36PJW-A
42S1M
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version (blank)
Emulator MCU
M37544M2-XXXSP
M37544M2-XXXGP
M37544M2-XXXHP
M37544G2SP
M37544G2GP
M37544G2HP
(Note)
M37544RSS
Note: Only ES version (MP: no plan)


Similar Part No. - M37544

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E2FP RENESAS-M37540E2FP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2FP RENESAS-M37540E2FP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2GP RENESAS-M37540E2GP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2GP RENESAS-M37540E2GP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2SP RENESAS-M37540E2SP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37544

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com