Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37544G2HP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37544G2HP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2HP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37544G2HP Datasheet HTML 1Page - Renesas Technology Corp M37544G2HP Datasheet HTML 2Page - Renesas Technology Corp M37544G2HP Datasheet HTML 3Page - Renesas Technology Corp M37544G2HP Datasheet HTML 4Page - Renesas Technology Corp M37544G2HP Datasheet HTML 5Page - Renesas Technology Corp M37544G2HP Datasheet HTML 6Page - Renesas Technology Corp M37544G2HP Datasheet HTML 7Page - Renesas Technology Corp M37544G2HP Datasheet HTML 8Page - Renesas Technology Corp M37544G2HP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
DESCRIPTION
The 7544 Group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7544 Group has a serial I/O, 8-bit timers, a 16-bit timer, and
an A/D converter, and is useful for control of home electric appli-
ances and office automation equipment.
FEATURES
Basic machine-language instructions ...................................... 71
The minimum instruction execution time ......................... 0.25 µs
(at 8 MHz oscillation frequency, double-speed mode for the
shortest instruction)
Memory size ROM ......................................................... 8 K bytes
RAM ........................................................ 256 bytes
Programmable I/O ports ........................................................... 25
Interrupts ................................................. 12 sources, 12 vectors
Timers ............................................................................. 8-bit ✕ 2
...................................................................................... 16-bit ✕ 1
Serial I/O ...................... 8-bit ✕ 1 (UART or Clock-synchronized)
A/D converter ................................................. 8-bit ✕ 6 channels
Clock generating circuit ............................................. Built-in type
(low-power dissipation by an on-chip oscillator enabled)
(connect to external ceramic resonator or quartz-crystal oscilla-
tor permitting RC oscillation)
Watchdog timer ............................................................ 16-bit ✕ 1
Power source voltage
XIN oscillation frequency at ceramic/quartz-crystal oscillation, in
double-speed mode
At 8 MHz .................................................................... 4.5 to 5.5 V
XIN oscillation frequency at ceramic/quartz-crystal oscillation, in
high-speed mode
At 8 MHz .................................................................... 4.0 to 5.5 V
XIN oscillation frequency at RC oscillation
At 4 MHz .................................................................... 4.0 to 5.5 V
Power dissipation ........................................... 22.5mW(standard)
Operating temperature range ................................... –20 to 85 °C
APPLICATION
Office automation equipment, factory automation equipment,
home electric appliances, consumer electronics, etc.
PIN CONFIGURATION (TOP VIEW)
Fig. 1 Pin configuration (32P4B type)
Package type : 32P4B
P12/SCLK
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P13/SRDY
P14/CNTR0
P20/AN0
P21/AN1
P22/AN2
P23/AN3
P24/AN4
P25/AN5
VREF
CNVSS
VCC
XIN
XOUT
VSS
RESET
P11/TXD
P10/RXD
P07(LED7)
P06(LED6)
P05(LED5)
P04(LED4)
P03(LED3)/TXOUT
P02(LED2)
P01(LED1)
P00(LED0)/CNTR1
P34(LED12)/INT1
P33(LED11)
P32(LED10)
P31(LED9)
P30(LED8)
P37(LED13)/INT0
Rev.1.04
2004.06.08
page 1 of 66
REJ03B0012-0104Z
REJ03B0012-0104Z
Rev.1.04
2004.06.08
7544 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER


Similar Part No. - M37544G2HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E2FP RENESAS-M37540E2FP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2FP RENESAS-M37540E2FP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2GP RENESAS-M37540E2GP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2GP RENESAS-M37540E2GP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2SP RENESAS-M37540E2SP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37544G2HP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com