Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2402 Datasheet(PDF) 1 Page - NEC

Part # 2SD2402
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2402 Datasheet(HTML) 1 Page - NEC

  2SD2402 Datasheet HTML 1Page - NEC 2SD2402 Datasheet HTML 2Page - NEC 2SD2402 Datasheet HTML 3Page - NEC 2SD2402 Datasheet HTML 4Page - NEC 2SD2402 Datasheet HTML 5Page - NEC 2SD2402 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D16155EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SD2402
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The
2SD2402
is
a
transistor
featuring
high
current
capacitance in small dimension.
This transistor is ideal for
DC/DC converters and motor drivers.
FEATURES
• High current capacitance
• Low collector saturation voltage
• Complementary transistor with 2SB1571
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
30
V
Emitter to base voltage
VEBO
6.0
V
Collector current (DC)
IC(DC)
5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms
duty cycle
≤ 50 %
8.0
A
Base current (DC)
IB(DC)
0.2
A
Base current (pulse)
IB(pulse)
PW
≤ 10 ms
duty cycle
≤ 50 %
0.4
A
Total power dissipation
PT
16 cm
2
× 0.7 mm ceramic board mounted
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - 2SD2402

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD2402 KEXIN-2SD2402 Datasheet
52Kb / 2P
   NPN Silicon Epitaxia
logo
Renesas Technology Corp
2SD2402 RENESAS-2SD2402 Datasheet
236Kb / 8P
   Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SD2402-X KEXIN-2SD2402-X Datasheet
681Kb / 3P
   NPN Transistors
2SD2402-Y KEXIN-2SD2402-Y Datasheet
681Kb / 3P
   NPN Transistors
2SD2402-Z KEXIN-2SD2402-Z Datasheet
681Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD2402

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2425 RENESAS-2SD2425_15 Datasheet
249Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2402 RENESAS-2SD2402_15 Datasheet
236Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2403 RENESAS-2SD2403_15 Datasheet
261Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
NEC
2SD2403 NEC-2SD2403 Datasheet
137Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2425 NEC-2SD2425 Datasheet
125Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SC2721 RENESAS-2SC2721_15 Datasheet
231Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-FREQUENCY AMPLIFIERS AND MID-SPEED SWITCHING
2SB1628 RENESAS-2SB1628_15 Datasheet
249Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
NEC
2SA1897 NEC-2SA1897 Datasheet
107Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1628 NEC-2SB1628 Datasheet
125Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SA1129 NEC-2SA1129 Datasheet
103Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com