Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F32SMQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F32SMQB
Description  Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F32SMQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F32SMQB Datasheet HTML 1Page - National Semiconductor (TI) 74F32SMQB Datasheet HTML 2Page - National Semiconductor (TI) 74F32SMQB Datasheet HTML 3Page - National Semiconductor (TI) 74F32SMQB Datasheet HTML 4Page - National Semiconductor (TI) 74F32SMQB Datasheet HTML 5Page - National Semiconductor (TI) 74F32SMQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9463
December 1994
54F74F32
Quad 2-Input OR Gate
General Description
This device contains four independent gates each of which
performs the logic OR function
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F32PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F32DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F32SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F32SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F32FM (Note 2)
W14B
14-Lead Cerpack
54F32LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9463 – 3
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9463 – 2
Pin Assignment
for LCC
TLF9463 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn
Inputs
1010
20 mA b06 mA
On
Outputs
50333
b
1 mA20 mA
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F32SMQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F32SC FAIRCHILD-74F32SC Datasheet
77Kb / 6P
   Quad 2-Input OR Gate
74F32SJ FAIRCHILD-74F32SJ Datasheet
77Kb / 6P
   Quad 2-Input OR Gate
More results

Similar Description - 74F32SMQB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com