Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750RHDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750RHDR
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750RHDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24750RHDR Datasheet HTML 3Page - Texas Instruments BQ24750RHDR Datasheet HTML 4Page - Texas Instruments BQ24750RHDR Datasheet HTML 5Page - Texas Instruments BQ24750RHDR Datasheet HTML 6Page - Texas Instruments BQ24750RHDR Datasheet HTML 7Page - Texas Instruments BQ24750RHDR Datasheet HTML 8Page - Texas Instruments BQ24750RHDR Datasheet HTML 9Page - Texas Instruments BQ24750RHDR Datasheet HTML 10Page - Texas Instruments BQ24750RHDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
bq24750
SLUS735 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V
PVCC≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REGN REGULATOR
VREGN_REG
REGN regulator voltage
VACDET > 0.6 V, 0-75 mA, PVCC > 10 V
5.6
5.9
6.2
V
IREGN_LIM
REGN current limit
VREGN = 0 V, VACDET > 0.6 V
90
135
mA
ADAPTER CURRENT SENSE AMPLIFIER
VACP/N_OP
Input common mode range
Voltage on ACP/ACN
0
24
V
VIADAPT
IADAPT output voltage range
0
2
IIADAPT
IADAPT output current
0
1
mA
AIADAPT
Current sense amplifier voltage gain
AIADAPT = VIADAPT / VIREG_DPM
20
V/V
VIREG_DPM = 40–100 mV
–2
2
VIREG_DPM = 20 mV
–3
3
Adapter current sense accuracy
%
VIREG_DPM = 5 mV
–25
25
VIREG_DPM = 1.5 mV
–33
33
IIADAPT_LIM
Output current limit
VIADAPT = 0 V
1
mA
CIADAPT_MAX
Maximum output load capacitance
For stability with 0 mA to 1 mA load
100
pF
ACDET COMPARATOR
VACDET_CHG
ACDET adapter-detect rising
Min voltage to enable charging, VACDET
2.376
2.40
2.424
V
threshold
rising
VACDET_CHG_HYS
ACDET falling hysteresis
VACDET falling
40
mV
ACDET rising deglitch
VACDET rising
518
700
908
ms
ACDET falling deglitch
VACDET falling
10
µs
VACDET_BIAS
ACDET enable-bias rising threshold
Min voltage to enable all bias, VACDET
0.56
0.62
0.68
V
rising
VACDET_BIAS_HYS
Adapter present falling hysteresis
VACDET falling
20
mV
ACDET rising deglitch
VACDET rising
10
µs
ACDET falling deglitch
VACDET falling
10
µs
7
Submit Documentation Feedback


Similar Part No. - BQ24750RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDR TI1-BQ24750RHDR Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com