Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750RHDT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750RHDT
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750RHDT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24750RHDT Datasheet HTML 6Page - Texas Instruments BQ24750RHDT Datasheet HTML 7Page - Texas Instruments BQ24750RHDT Datasheet HTML 8Page - Texas Instruments BQ24750RHDT Datasheet HTML 9Page - Texas Instruments BQ24750RHDT Datasheet HTML 10Page - Texas Instruments BQ24750RHDT Datasheet HTML 11Page - Texas Instruments BQ24750RHDT Datasheet HTML 12Page - Texas Instruments BQ24750RHDT Datasheet HTML 13Page - Texas Instruments BQ24750RHDT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.ti.com
bq24750
SLUS735 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V
PVCC≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM OSCILLATOR
FSW
PWM switching frequency
240
360
kHz
VRAMP_HEIGHT
PWM ramp height
As percentage of PVCC
6.6
%PVCC
QUIESCENT CURRENT
IOFF_STATE
Total off-state battery current from
VBAT = 16.8 V, VACDET < 0.6 V,
7
10
SRP, SRN, BAT, VCC, BTST, PH,
VPVCC > 5 V, TJ = 0 to 85°C
µA
etc.
IBAT_ON
Battery on-state quiescent current
VBAT = 16.8 V, 0.6V < VACDET < 2.4 V,
1
mA
VPVCC > 5V
IBAT_LOAD_CD
Internal battery load current, charge
Charge is disabled:
3
5
mA
disbled
VBAT = 16.8 V, VACDET > 2.4 V,
VPVCC > 5 V
IBAT_LOAD_CE
Internal battery load current, charge
Charge is enabled:
6
10
12
mA
enabled
VBAT = 16.8 V, VACDET > 2.4 V,
VPVCC > 5 V
IAC
Adapter quiescent current
VPVCC = 20 V, charge disabled
2.8
4
mA
IAC_SWITCH
Adapter switching quiescent current
VPVCC = 20 V, charge enabled, converter
25
mA
running, total gate charge = 2
× 10 nC
INTERNAL SOFT START (8 steps to regulation current)
Soft start steps
8
step
Soft start step time
1.7
ms
CHARGER SECTION POWER-UP SEQUENCING
Charge-enable delay after power-up
Delay from when adapter is detected to
518
700
908
ms
when the charger is allowed to turn on
LOGIC INPUT PIN CHARACTERISTICS (CHGEN)
VIN_LO
Input low threshold voltage
0.8
V
VIN_HI
Input high threshold voltage
2.1
IBIAS
Input bias current
VCHGEN = 0 to VREGN
1
µA
LOGIC INPUT PIN CHARACTERISTICS (CELLS)
VIN_LO
Input low threshold voltage, 3 cells
CELLS voltage falling edge
0.5
VIN_MID
Input mid threshold voltage, 2 cells
CELLS voltage rising for MIN,
0.8
1.8
V
CELLS voltage falling for MAX
VIN_HI
Input high threshold voltage, 4 cells
CELLS voltage rising
2.5
IBIAS_FLOAT
Input bias float current for 2-cell
VCHGEN = 0 to VREGN
–1
1
µA
selection
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (ACGOOD)
VOUT_LO
Output low saturation voltage
Sink Current = 4 mA
0.5
V
Delay, ACGOOD falling
518
700
908
ms
Delay, ACGOOD rising
10
µs
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (DPMDET)
VOUT_LO
Output low saturation voltage
Sink Current = 5 mA
0.5
V
Delay, DPMDET rising/falling
10
ms
10
Submit Documentation Feedback


Similar Part No. - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750RHDT TI-BQ24750RHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDT TI1-BQ24750RHDT Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
BQ24750RHDTG4 TI1-BQ24750RHDTG4 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com