Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK201 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 1 Page - International Rectifier

  IRMCK201 Datasheet HTML 1Page - International Rectifier IRMCK201 Datasheet HTML 2Page - International Rectifier IRMCK201 Datasheet HTML 3Page - International Rectifier IRMCK201 Datasheet HTML 4Page - International Rectifier IRMCK201 Datasheet HTML 5Page - International Rectifier IRMCK201 Datasheet HTML 6Page - International Rectifier IRMCK201 Datasheet HTML 7Page - International Rectifier IRMCK201 Datasheet HTML 8Page - International Rectifier IRMCK201 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Data Sheet No. PD60224 Rev.B
IRMCK201
High Performance Configurable Digital AC
Servo Control IC
Features
Complete closed loop current control
(Synchronously Rotating Frame Field Orientation)
Versatile Space Vector PWM
Direct interface to IR2175 current sensing high
voltage IC
Direct Encoder interface with multiplexed/non-
multiplexed Hall A/B/C signals
Direct interface to IR213x 3-phase gate driver IC
Closed loop velocity control
Configurable architecture
o
Supports AC PM motor or Induction motor
o
Closed loop or open loop control
Asynchronous serial communication interface
(RS232C, RS422)
Fast SPI interface
4 channel 12-bit A/D interface with simultaneous
sample/hold
8-bit parallel bus interface for microcontroller
expansion (supports most 8-bit microprocessors)
Integrated brake IGBT control
ServoDesignerTM (Configuration Tool) available
Product Summary
Max. Clock Input (Sysclk)
33.3 MHz
Max. PLL clock for current feedback
133.3 MHz
Closed loop current control computation time 6 µsec max
Closed loop current loop bandwidth (-3 dB)
5.5 kHz
Closed loop velocity loop update rate
5 / 10 kHz
PWM carrier frequency
83.3 kHz max
PWM counter resolution
12 bit
Current feedback temp drift/offset
calibrated
Max SPI clock
8 MHz
Package: QFP100
Description
IRMCK201 is a complete AC servo motor control IC. It contains closed loop current control for sinusoidal AC current, and
closed loop velocity control based on encoder position feedback interface. A standard communication port is provided for
RS232C or RS422, in addition to a fast SPI communication interface. Unlike a traditional DSP or a microcontroller, the
IRMCK201 does not require any programming effort to complete the complex control algorithm. It allows users to configure
the algorithm for specific application needs. Permanent magnet motor or AC induction motor are supported. IRMCK201
facilitates high performance servo design together with the IR2175 current sensing IC and IR213x high voltage 3-phase gate
driver IC, which simplifies the hardware design while minimizing cost. For multi-axis applications, IRMCK201 can be used
as a multi-drop slave drive based on the SPI protocol. The package is available in a 100-pin QFP.


Similar Part No. - IRMCK201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK203 IRF-IRMCK203 Datasheet
400Kb / 57P
   High Performance Sensorless Motion Control IC
More results

Similar Description - IRMCK201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
   High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143 Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCK203 IRF-IRMCK203 Datasheet
400Kb / 57P
   High Performance Sensorless Motion Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
logo
Renesas Technology Corp
M64611FP RENESAS-M64611FP Datasheet
88Kb / 7P
   DIGITAL SERVO MOTOR CONTROL FOR RADIO CONTROL
Rev.1.00 Aug.26.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com