Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6703 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6703
Description  1.2 GHz, Low Distortion Op Amp with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6703 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6703 Datasheet HTML 1Page - National Semiconductor (TI) LMH6703 Datasheet HTML 2Page - National Semiconductor (TI) LMH6703 Datasheet HTML 3Page - National Semiconductor (TI) LMH6703 Datasheet HTML 4Page - National Semiconductor (TI) LMH6703 Datasheet HTML 5Page - National Semiconductor (TI) LMH6703 Datasheet HTML 6Page - National Semiconductor (TI) LMH6703 Datasheet HTML 7Page - National Semiconductor (TI) LMH6703 Datasheet HTML 8Page - National Semiconductor (TI) LMH6703 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMH6703
1.2 GHz, Low Distortion Op Amp with Shutdown
General Description
The LMH6703 is a very wideband, DC coupled monolithic
operational amplifier designed specifically for ultra high reso-
lution video systems as well as wide dynamic range systems
requiring exceptional signal fidelity. Benefiting from Nation-
al’s current feedback architecture, the LMH6703 offers a
practical gain range of ±1to ±10 while providing stable
operation without external compensation, even at unity gain.
At a gain of +2 the LMH6703 supports ultra high resolution
video systems with a 750 MHz 2 V
PP −3 dB Bandwidth. With
12-bit distortion levels through 10 MHz (R
L = 100
Ω), and a
2.3nV/
input referred noise, the LMH6703 is the ideal
driver or buffer for high speed flash A/D and D/A converters.
Wide dynamic range systems such as radar and communi-
cation receivers requiring a wideband amplifier offering ex-
ceptional signal purity will find the LMH6703’s low input
referred noise and low harmonic distortion an attractive so-
lution.
Features
n
−3 dB bandwidth (V
OUT = 0.5 VPP,AV = +2)
1.2 GHz
n
2
nd/3rd harmonics (20 MHz, SOT23-6)
−69/−90 dBc
n
Low noise
2.3nV/
n
Fast slew rate
4500 V/µs
n
Supply current
11 mA
n
Output current
90 mA
n
Low differential gain and phase
0.01%/0.02˚
Applications
n
RGB video driver
n
High resolution projectors
n
Flash A/D driver
n
D/A transimpedance buffer
n
Wide dynamic range IF amp
n
Radar/communication receivers
n
DDS post-amps
n
Line driver
Connection Diagrams
8-pin SOIC
6-pin SOT23
20110601
Top View
20110602
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LMH6703MA
LMH6703MA
95 Units/Rail
M08A
LMH6703MAX
2.5k Units Tape and Reel
6-Pin SOT23
LMH6703MF
AR1A
1k Units Tape and Reel
MF06A
LMH6703MFX
3k Units Tape and Reel
LMHis a trademark of National Semiconductor Corporation.
May 2005
© 2005 National Semiconductor Corporation
DS201106
www.national.com


Similar Part No. - LMH6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6703 TI-LMH6703 Datasheet
1Mb / 22P
[Old version datasheet]   Fast slew rate 4500 V/關s, Supply current 11 mA, Output current 90 mA
LMH6703 TI1-LMH6703 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MA/NOPB TI1-LMH6703MA/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MAX/NOPB TI1-LMH6703MAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MF/NOPB TI1-LMH6703MF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
More results

Similar Description - LMH6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6703 TI1-LMH6703_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com