Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6F1616U6A-EF55 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6F1616U6A-EF55
Description  1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1616U6A-EF55 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6F1616U6A-EF55 Datasheet HTML 1Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 2Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 3Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 4Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 5Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 6Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 7Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 8Page - Samsung semiconductor K6F1616U6A-EF55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6F1616U6A Family
Revision 1.1
September 2002
8
CMOS SRAM
Address
Data Valid
UB, LB
WE
Data in
Data out
High-Z
High-Z
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB Controlled)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS1 and low WE. A write begins when CS1 goes low and WE goes low with asserting
UB or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest tran-
sition when CS1 goes high and WE goes high. The tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the CS1 going low to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR is applied in case a write ends with CS1 or WE going high.
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
DATA RETENTION WAVE FORM
VCC
2.7V
2.2V
VDR
GND
Data Retention Mode
tSDR
tRDR
tAS(3)
CS1
CS2
CS2 controlled
VCC
2.7V
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V
CS1 controlled
CS1
CS1
≥VCC - 0.2V


Similar Part No. - K6F1616U6A-EF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616U6C SAMSUNG-K6F1616U6C Datasheet
156Kb / 10P
   16Mb(1M x 16 bit) Low Power SRAM
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616U6M-F SAMSUNG-K6F1616U6M-F Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F1616U6A-EF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616T6C SAMSUNG-K6F1616T6C Datasheet
173Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1616R6C SAMSUNG-K6F1616R6C Datasheet
153Kb / 9P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com