Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2640B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U2640B
Description  Intemittent- and Wipe/ Wash Control for Wiper Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2640B Datasheet(HTML) 1 Page - ATMEL Corporation

  U2640B Datasheet HTML 1Page - ATMEL Corporation U2640B Datasheet HTML 2Page - ATMEL Corporation U2640B Datasheet HTML 3Page - ATMEL Corporation U2640B Datasheet HTML 4Page - ATMEL Corporation U2640B Datasheet HTML 5Page - ATMEL Corporation U2640B Datasheet HTML 6Page - ATMEL Corporation U2640B Datasheet HTML 7Page - ATMEL Corporation U2640B Datasheet HTML 8Page - ATMEL Corporation U2640B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
U2640B
Rev. A4, 03-Apr-01
1 (10)
Intemittent- and Wipe/ Wash Control for Wiper Systems
Description
With the U264xB, Atmel Wireless & Microcontrollers
developed a family of intermittent- and wipe/wash con-
trol circuits for windshield or backlite wiper systems with
identical basic functions. The circuit design provides the
possibility to generate ”x” versions using different metal-
lization masks. Thus, it is easy to verify a broad range of
time sequences which can be set independently of each
other.
Features
D Relay activation can be controlled by a limit switch of
the wiper motor or by a fixed activation period for
systems without limit switch
D Debounced input stages
D Enable/disable of pre-wash delay by program pin
D Polarity of WIWA: VBatt
D Polarity of INT:
VBatt
D Relay output is protected with a clamping diode
D Relay activation:
0.48 s
D Interval pause:
5.8 s
D After wiping:
5.2 s
D Pre-wash delay:
0.52 s
D Wipe/wash mode with priority
D Protected in accordance to ISO/TR 7637–1
D EMC with intergrated filters
Block Diagram
21 V
21 V
21 V
21 V
Input
comparator
Voltage
stabilization
and
POR
Logic
Load-
dump
detection
and
output
control
Oscillator
21 V
Open-collector
relay driver
V
S
OSC
INT
WIWA
LS
PP
GND
REL
13944
Figure 1. Block diagram
Ordering Information
Extended Type Number
Package
Remarks
U2640B
DIP8
U2640B–FP
SO8


Similar Part No. - U2640B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
U2642B-FP TEMIC-U2642B-FP Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
More results

Similar Description - U2640B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
TEMIC Semiconductors
U842B TEMIC-U842B Datasheet
264Kb / 12P
   Wiper Control for Intermittent and Wipe/ Wash Mode
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
logo
TEMIC Semiconductors
U846B TEMIC-U846B Datasheet
201Kb / 13P
   Digital Wiper Control for Intermittent and Wipe/ Wash Mode
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com