Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14568 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC14568
Description  Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14568 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC14568 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14568 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sensors
Freescale Semiconductor
3
MC14568
Table 2. Electrical Characteristics
Characteristics noted under conditions TA = +25°C, VDD = 9.0 V, VSS = 0 V, C12 = 0.1 µF (Oscillator Pin) R7 = 8.2 mΩf/fn (timing
resistor pin) unless otherwise noted.
Symbol
Characteristic
Test Condition
Test
Pin
Min
Typ
Max
Unit
VDD
Supply Voltage Range
Operating
6
6.0
9.0
12
V
IIN
Detector Input Current
0 to 40% RH,
VIN = 0 to 9.0 V
15
1.0
pA
VOS
Input Offset Voltage
Active Guard
Active Guard
Detect Comparator
14 – 15
16 – 15
15 – 13
100
100
50
mV
VHYS
Hysteresis
No Alarm to Alarm
13
80
130
160
mV
VCM
Common Mode Range
Guard Amplifier
Smoke Comparator
14 – 15
13 – 15
0.5
0.5
VDD – 2.0
VDD – 2.0
V
LO-Z
HI-Z
Active Guard Impedance
To VCC
To VCC
14
16
10
500
k
tCL
Oscillator Period
No Alarm
Alarm
12
1.34
32
1.67
40
2.0
48
s
ms
Timer Out Pulse Width
4
8.0
10
12
ms
Timer Period
After Pin 1 High to Low,
No Smoke
4
6.43
10
min
VTH
Low Voltage Threshold
TA = 0 to 50°C
6
7.2
7.8
V
Sensitivity Adj. Voltage
V13/VDD, Pin 3 Open Circuit
13
48.5
50
51.5
%
Low Battery Threshold
Pin 3 Open Circuit
3
60.6
63
65.6
%
Horn Output Voltage
IOUT = 16 mA, VDD = 9.0 V
IOUT = 16 mA, VDD = 7.2 V
IOUT = -16 mA, VDD = 9.0 V
IOUT = -16 mA, VDD = 7.2 V
10 – 11
8.5
6.3
0.1
8.8
0.5
0.9
V
PWON
Horn Output ON Time
Alarm
Low Battery
10 – 11
450
8.0
500
10
550
12
ms
PWOFF
Horn Output OFF Time
Alarm
Alarm
Low Battery
10 – 11
450
1350
32
500
1500
40
550
1650
48
ms
Feedback
VIH
VIL
86.3
2.7
V
Timer Start Logic Levels
VIH
VIL
14.5
2.5
V
Timer Start Input Current
VIN = 9.0 V
1
20
80
µA
Timer Out Output Current
VOUT = 0.5 V
4
500
µA
ILON
LED Output ON Current
VDD = 7.2 V, VOUT = 1.0 V
5
10
mA
tLON
LED Output ON Time
No Local Alarm, Not Latched
5
8.0
10
12
ms
tLOFF
LED Output OFF Time
No Alarm, Standby
No Alarm, Timer Mode
532
8.0
40
10
48
12
s


Similar Part No. - MC14568

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14568B MOTOROLA-MC14568B Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
More results

Similar Description - MC14568

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com