Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN135 Datasheet(PDF) 5 Page - Xicor Inc.

Part # AN135
Description  Sensor Circuits and Digitally Controlled Potentiometers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

AN135 Datasheet(HTML) 5 Page - Xicor Inc.

  AN135 Datasheet HTML 1Page - Xicor Inc. AN135 Datasheet HTML 2Page - Xicor Inc. AN135 Datasheet HTML 3Page - Xicor Inc. AN135 Datasheet HTML 4Page - Xicor Inc. AN135 Datasheet HTML 5Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Xicor Application Note
AN135-5
AN135
Figure 6. PRTD Signal Conditioning Circuit – Detailed
+5V
+5V
–5V
2
2
3
4
6
7
6
5
4
VOUT = 10mV/° C
20K
R4
R1
10K
R9
C2
C1
.1µF
.1µF
R11
R8
R7
R2
R10
+2.5V ±2%
964K
205K
200
200
–5V
+5V
1M
R6
1M
10K
100K
20K
20K
100K
Full Scale
Adjust
DCP1
µC
Bus
LTC1050
A1
DCP2
Zero
Adjust
100
@ 0°C
“ .385”
PRTD
DCP1, DCP2
= 1/ 4 XICOR X9258
LT
1019
-2.5V
+
R3
R5
VR1


Similar Part No. - AN135

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1353 STMICROELECTRONICS-AN1353 Datasheet
136Kb / 17P
   ASD ST62000C software description for cooling thermostat applicatons
logo
Panasonic Semiconductor
AN1358 PANASONIC-AN1358 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN1358S PANASONIC-AN1358S Datasheet
32Kb / 3P
   Dual Operational Amplifiers
More results

Similar Description - AN135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com