Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7421D1 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7421D1
Description  MOSFET & Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7421D1 Datasheet(HTML) 5 Page - International Rectifier

  IRF7421D1 Datasheet HTML 1Page - International Rectifier IRF7421D1 Datasheet HTML 2Page - International Rectifier IRF7421D1 Datasheet HTML 3Page - International Rectifier IRF7421D1 Datasheet HTML 4Page - International Rectifier IRF7421D1 Datasheet HTML 5Page - International Rectifier IRF7421D1 Datasheet HTML 6Page - International Rectifier IRF7421D1 Datasheet HTML 7Page - International Rectifier IRF7421D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7421D1
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0 . 1
1
1 0
1 0 0
1000
t
, R ectan gu la r P u lse D u ratio n (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
S INGLE P ULS E
(THE RMAL RESP O NSE)
A
P
t2
1
t
DM
N otes :
1 . D uty fac tor D = t
/ t
2 . P ea k T = P
x Z
+ T
12
J
DM
th J A
A
+
-
VDS
10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
10V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
Fig 9a. Basic Gate Charge Waveform
Fig 9b. Gate Charge Test Circuit


Similar Part No. - IRF7421D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7421D1 IRF-IRF7421D1 Datasheet
178Kb / 8P
   MOSFET / Schottky Diode
IRF7421D1PBF IRF-IRF7421D1PBF Datasheet
226Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7421D1 IRF-IRF7421D1_98 Datasheet
178Kb / 8P
   MOSFET / Schottky Diode
More results

Similar Description - IRF7421D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7421D1 IRF-IRF7421D1_98 Datasheet
178Kb / 8P
   MOSFET / Schottky Diode
IRF7807D1 IRF-IRF7807D1 Datasheet
165Kb / 8P
   MOSFET / SCHOTTKY DIODE
IRF7807D2 IRF-IRF7807D2 Datasheet
134Kb / 8P
   MOSFET / SCHOTTKY DIODE
IRF7534D1PBF IRF-IRF7534D1PBF Datasheet
385Kb / 8P
   MOSFET SCHOTTKY DIODE
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com